Electronic Components Datasheet Search
  English  ▼

X  

SP6669 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP6669
Description  1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6669 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP6669 Datasheet HTML 2Page - Exar Corporation SP6669 Datasheet HTML 3Page - Exar Corporation SP6669 Datasheet HTML 4Page - Exar Corporation SP6669 Datasheet HTML 5Page - Exar Corporation SP6669 Datasheet HTML 6Page - Exar Corporation SP6669 Datasheet HTML 7Page - Exar Corporation SP6669 Datasheet HTML 8Page - Exar Corporation SP6669 Datasheet HTML 9Page - Exar Corporation SP6669 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
THEORY OF OPERATION
Rev G – 12/02/2008
SP6669 1.5MHz 0.6A Sync. Step Down Converter © 2008 Exar Corporation
8/10
4- The SW and VFB nodes should be kept
as separate as possible to minize possible
effects from the high frequency and
voltage swings of the SW node.
5- The ground plates of CIN and COUT
should be kept as close as possible.
Ouptut Voltage Ripple for VIN close to
VOUT
When the input voltage VIN is close to the
output
voltage
VOUT,
the
SP6669
transitions smoothly from the switching
PWM converter mode into a LDO mode.
The following diagram shows the output
voltage ripple versus the input voltage for
a 3.3V output setting and a 200mA
current load.
Fig.20: VOUT Ripple Voltage
for VIN decreasing close to VOUT
Design Example
In a single Lithium-Ion battery powered
application, the VIN range is about 2.7V to
4.2V. The desired output voltage is 1.8V.
The
inductor
value
needed
can
be
calculated using the following equation
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
Δ
⋅
=
IN
OUT
OUT
L
V
V
V
I
f
L
1
1
Subsituting
VOUT=1.8V,
VIN=4.2V,
ΔIL=240mA and f=1.5MHz gives
H
L
μ
86
.
2
=
A 2.2µH inductor can be choosen with this
application. An inductor of greater value
with less equivalent series resistance
would provide better efficiency. The CIN
capacitor requires an RMS current rating
of at least ILOAD(MAX)/2 and low ESR. In
most cases, a ceramic capacitor will
satisfy this requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com