Electronic Components Datasheet Search
  English  ▼

X  

SA7269 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SA7269
Description  2CH AUDIO POWER AMPLIFIER(10W X2)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7269 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA7269 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SA7269
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.05.25
Http: www.silan.com.cn
Page 1 of 11
BLOCK DIAGRAM
2-CH AUDIO POWER AMPLIFIER(10W X2)
HSIP-15
HSIP-11
DESCRIPTION
The SA7269 is a monolithic integrated circuit in HSIP package,
intended for use as dual audio frequency class AB amplifier.
FEATURES
* Wide supply voltage range up to 40V ABS MAX.
* Split supply operation.
* High output power: 10+10W @ THD=10%, RL=8 , Vs=±14V
* Mute/stand-by function.
* Few external components.
* Short circuit protection.
* Thermal overload protection.
APPLICATIONS
* Hi-Fi music centers
* Stereo TV sets
ORDERING INFORMATION
Part No.
Package
SA7269
HSIP-11
SA7269A
HSIP-15
Note: Figures for the SA7269.


Similar Part No. - SA7269

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264A SILAN-SA7264A Datasheet
378Kb / 12P
2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264B SILAN-SA7264B Datasheet
378Kb / 12P
2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
2CH AUDIO POWER AMPLIFIER(25W X2)
More results

Similar Description - SA7269

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1378 NTE-NTE1378 Datasheet
24Kb / 3P
Integrated Circuit Audio Power Amplifier, 10W
logo
Integral Corp.
ILA2003 INTEGRAL-ILA2003 Datasheet
157Kb / 4P
10W AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
10W AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
10W AUDIO AMPLIFIER
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
2CH AUDIO POWER AMPLIFIER(25W X2)
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
2CH AUDIO POWER AMPLIFIER(1W X2)
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com