Electronic Components Datasheet Search
  English  ▼

X  

SA7269 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA7269
Description  2CH AUDIO POWER AMPLIFIER(10W X2)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7269 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA7269 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SA7269
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.05.25
Http: www.silan.com.cn
Page 2 of 11
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Rating
Unit
DC Supply Voltage
Vs
44
V
Output Peak Current (Internally Limited)
Io
3
A
Power Dissipation Tcase=70
°C
Ptot
40
W
Storage And Junction Temperature
Tstg, Tj
-40~+150
°C
Supply voltage to guarantee short-circuit
protection
Vs(sc)
±18(*)
V
Thermal Resistance From Junction To Case
(Max)
Rth(j-c)
2
°C/W
(*)Maximum supply voltage to guarantee short-circuit to
±Vs is ±18V, and to GND short-circuit protection is
normal.
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, Vs
±14V; RL=8Ω; Rs=50Ω; Gv=30dB; f=1KHz; Tamb=25°C, unless otherwise specified.)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Supply Range
Vs
±5
±20
V
Total Quiescent Current
Iq
50
100
mA
Input Offset Voltage
Vos
-25
+25
mV
Non Inverting Input Bias Current
Ib
500
nA
THD=10%;
RL=8
Ω;
Vs=
±12.5V; RL=4Ω
8
7.5
10
10
W
W
Output Power
Po
THD=1%;
RL=8
Ω;
Vs=
±12.5V; RL=4Ω
7.5
7.5
W
W
RL=8
Ω; Po=1W; f=1KHz
0.03
%
RL=8
Ω;
Po=0.1~5W;
f=100Hz~15KHz
0.7
%
RL=4
Ω; Po=1W; f=1KHz
0.02
%
Total Harmonic Distortion
THD
RL=4
Ω; Vs=±10V;
Po=0.1~5W;
f=100Hz~15KHz
1
%
Cross Talk
CT
f=1KHz
f=10KHz
50
70
60
dB
dB
Slew Rate
SR
6.5
8
V/
µs
Open Loop Voltage Gain
GV
80
dB
Total Input Noise
eN
A curve
f=20Hz~22KHz
3
4
8
µV
µV
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com