Electronic Components Datasheet Search
  English  ▼

X  

SA7269 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA7269
Description  2CH AUDIO POWER AMPLIFIER(10W X2)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7269 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA7269 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SA7269
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.05.25
Http: www.silan.com.cn
Page 4 of 11
PIN DESCRIPTION
Pin No.
HSIP-11
HSIP-15
Pin Name
I/O
Pin Description
1
2
-Vs
--
Negative power
2
3
OUT 1
O
Output1
3
5
+Vs
--
Positive power
4
6
OUT 2
O
Output2
5
7
MUTE / ST-BY
I
Mute /stand-by function
6
8
-Vs
--
Negative power
7
9
IN+(2)
I
Inverting Input 2
8
10
IN-(2)
I
Non inverting input 2
9
12
GND
--
Ground
10
13
IN-(1)
I
Non inverting input 1
11
14
IN+(1)
I
Inverting input 1
1,4,11,15
NC
--
Not connected
FUNCTION DESCRIPTION
MUTE STAND-BY FUNCTION
The MUTE/ST-BY controls the amplifier status by two different thresholds, referred to +Vs.
Ø
When MUTE/ST-BY higher than = +Vs - 2.5V the amplifier is in Stand-by mode and the final stage
generators are off.
Ø
When MUTE/ST-BY is between +Vs - 2.5V and +Vs- 6V the final stage current generators are
switched on and the amplifier is in mute mode
Ø
When MUTE/ST-BY is lower than +Vs - 6V the amplifier is play mode.
Power Dissipation and Heat Sinking
The SA7269 must always be operated with a heat sink. In order to determine the appropriate heat sink for a
given application, the power dissipation of the SA7269 in that application must be known. When the load is
resistive, the maximum average power that the IC will be required to dissipate is approximately:
PD(MAX)=Vs
2/
π2RL+PQ
Where VS is the total power supply voltage across the SA7269, RL is the load resistance PQ is the quiescent
power dissipation of the amplifier. The above equation is only an approximation which assume an “ideal”class B
output stage and constant power dissipation in all other parts of the circuit. The curves of “Power Dissipation vs.
Power Output”give a better representation of the behavior of the SA7269 with various power supply voltages and
resistive loads. As an example, if the SA7269is operated on a ±14V power supply with a resistive load of 8
Ω, it
can develop up to 11.5W of internal power dissipation. If the die temperature is to remain below 150
°C for
ambient temperatures up to 50
°C, the total junction-to-ambient thermal resistance must be less than:
(150
°C 50°C)/11.5W 8.7°C/W
Using Rth(j-c) = 2
°C /W, the sum of the case-to-heat-sink interface thermal resistance and the heat-sink-to-
ambient thermal resistance must be less than 6.7
°C/W. The case-to-heat-sink thermal resistance of the HSIP-11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com