Electronic Components Datasheet Search
  English  ▼

X  

SA7269 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA7269
Description  2CH AUDIO POWER AMPLIFIER(10W X2)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7269 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA7269 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7269 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SA7269
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.05.25
Http: www.silan.com.cn
Page 3 of 11
(Continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Input Resistance
Ri
15
20
K
Ω
Supply Voltage Rejection (each
channel)
SVR
Fr=100Hz; Vripple=0.5Vrms
60
dB
Thermal
Shut-down
Junction
Temperature
Tj
145
°C
Mute Function [ref: +Vs]
Mute /Play Threshold
VTMUTE
-7
-6
-5
V
Mute Attenuation
AM
60
70
dB
Stand-by Function [ref: +Vs]
Stand-by /Mute Threshold
VTST-BY
-3.5
-2.5
-1.5
V
Stand-by Attenuation
AST-BY
110
dB
Quiescent Current @ Stand-by
Iq ST-BY
3
6
mA
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com