Electronic Components Datasheet Search
  English  ▼

X  

SC3010 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC3010
Description  INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3010 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC3010 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SC3010
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2005.12.15
Http: www.silan.com.cn
Page 2 of 15
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
Characteristics
Symbol
Test conditions
Value
Unit
Supply Voltage*
VDD
VSS -0.3 ~ 5.5
V
Input Voltage*
VIN
VDD=3 V
-0.5 ~ VDD+0.5
V
Output Voltage*
VOUT
VDD=3 V
-0.5 ~ VDD+0.5
V
Operating Temperature
TOPR
VDD=3 V
-20~85
°C
NOTE: * = with reference to Vss.
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
Freq=455KHz
2.0
3.0
5.5
V
Stand-By Current
IDD
VDD =3V (Output no load)
0
10
µA
Input Current(KI0~KI7,C0~C3)
IIN
VI=0V T1=0 T2=0 SMS=0
15
600
µA
High Level Input Voltage
(KI0~KI7,C0~C3,SMS,T1,T2)
VIH
VDD =3V, (KI0~KI7 And
C0~C3 Connected To VDD)
0.7VDD
V
Low Level Input Voltage
(KI0~KI7,C0~C3,SMS,T1,T2)
VIL
VDD=3V ,( T1,T2,OSC,SMS
Connected To VSS)
0.3VDD
V
VI=3V VDD=3V
T1=T2=High
0
1.0
Input Current Leakage
(KI0~KI7,C0~C3)
ILEAK1
VI=0V VDD=3V
T1=T2=High
0
1.0
µA
ILEAK2
VI=0V VDD=3V
T1=T2=High
0
1.0
Input Current Leakage (OSC)
ILEAK3
VI=3V VDD=3V
T1=T2=High
4.5
15
30
µA
VI=3V VDD=3V T=25
°C
0
1.0
Input Leakage Current
(SMS,T1,T2)
ILEAK4
VI=0V VDD=3V T=25
°C
0
1.0
µA
High Level Output Voltage
(Dout, MDOUT)
VOH
VDD=3V IOH=0.4mA
VDD- 0.3
Low Level Output Voltage
(Dout, MDOUT)
VOL
VDD=3V IOH=0.6mA
0.35
V
Vo=3V VDD=3V T=25
°C
10
Output Current Leakage
(Dout, MDOUT)
ILEAK5
Vo=0V VDD=3V T=25
°C
1
µA
Low Level Output Voltage
(KO0~KO7)
VOL
VDD=3V IOL=0.3mA
0.8
V
Vo=3V VDD=3V T=25
°C
0
1
Output Current Leakage
(KO0~KO7)
ILEAK6
Vo=3V VDD=3V T=-
25~85
°C
3
10
µA
Drive Current (Dout, MDout)
ID
VDD=3V Vo=1.5V
1.5
2
mA
Operational Frequency
Fosc1
VDD=3V
400
600
KHz
Free-Running Frequency
Fosc2
VDD=3V
50
100
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com