Electronic Components Datasheet Search
  English  ▼

X  

SC3010 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC3010
Description  INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3010 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC3010 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SC3010
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2005.12.15
Http: www.silan.com.cn
Page 3 of 15
PIN CONFIGURATIONS
PIN DESCRIPTION
Pin No.
Symbol
Description
1
KI7
Key Sense Input Pin
2
SMS
System Mode Selection Input Pin
3~6
C0~C3
Key Sense Input Pins
7
MDOUT
Generated Output Data Pin modulated with 1/12 oscillator frequency at a 25%
duty factor
8
DOUT
Generated Output Data Pin
9~13
KO7~KO3
Scan Driver Pins
14
VSS
Negative Power Supply
15~17
KO2~KO0
Scan Driver Pins
18
OSC
Oscillator Input Pin
19
T2
Test Pin 2
20
T1
Test Pin 1
21~27
KI0~KI6
Key Sense Input Pins
28
VDD
Positive Power Supply
FUNCTIONAL DESCRIPTION
1. KEY INPUT OPERATION
A Key Input Operation may be considered legal or illegal depending on the keys pressed. For key
interconnection refer to the application circuit diagram in APPLICATION CIRCUIT SECTION. The maximum
value of the switched key contact series resistance is 7k
Ω.
a). Legal Key Input
A legal key input operation enables the device to activate the corresponding codes. A key input operation is
considered as legal if it is 1). a connection of one K-Input (KI0~KI7) to one K-Output (KO0~KO7), or 2).a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com