Electronic Components Datasheet Search
  English  ▼

X  

SC3010 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC3010
Description  INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3010 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC3010 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SC3010
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2005.12.15
Http: www.silan.com.cn
Page 4 of 15
connection of one C-Input(C0~C3) to one K-Output (KO0~KO7) when the System Mode Selection (SMS) Pin is in
a LOW state. If the SMS is in a HIGH state, then a wired connection must be made between a C-Input to a K-
Output in order to generate the system number. For connections consisting of one K-Input or C-Input to more
than one K-Output Pins, the last scan signal is recognized as LEGAL.
b). Illegal Key Input
An illegal key input operation does not produce any activity. No activity will be generated if 1) two or more K-
Input/C-Input Pins or 2) C-Input and K-Input Pins are activated simultaneously. The oscillator will not start. Thus,
this operation is considered as ILLEGAL.
2. INPUTS: KI0~KI7 & C0~C3
In the quiescent state, the command inputs KI0~KI7 are pulled HIGH by an internal pull-up transistor. Also if
the system is quiescent and the System Mode Selection Input (SMS) is in High state so that current flow may be
prevented. A wired connection in the C-KO Matrix provides 32 systems.
3. DATA OUTPUT
Debounce Time
(16-Bit Time)
Scan
Time
(2-Bit Time)
Start Bit
Control
Bit
System Bits
Command Bits
LSB
LSB MSB
One Code
First Code
Second Code
Repetition Time
MSB
Where: debounce time+ scan time=18 bit-times, Repetition time=4x16 bit-times
Figure 1: Data Output Format
The generated information is transmitted through the output signal DOUT. The Data Output Code consists of
1.5 Start Bits (2xLogic 1), 1 Control Bit, 5 System Bits, and 6 Command Bits. Please refer to the diagram above
for the data output format. (See also Command and System Matrixes).
After a legal key operation is performed, the KO outputs are switched off and a 16-bit debounce time period is
experienced followed by a 2-bit scan cycle time. During the scanning cycle the outputs are switched to the
conductive state one at a time.
Code is transmitted using a biphase technique. Please refer to the diagram below. The MDOUT Output Signal
transmits the generated data modulated by 1/12 of the oscillator frequency with a 25% duty factor.
Logic 1
Logic 0
where: 1 bit-time=3x2
8xTosc=1.688ms (typ. Tosc=1/455KHz)
Figure 2: Biphase Code Transmission Technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com