Electronic Components Datasheet Search
  English  ▼

X  

SC3010 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC3010
Description  INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3010 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC3010 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3010 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SC3010
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2005.12.15
Http: www.silan.com.cn
Page 6 of 15
3). During Matrix Scanning
a). A key is released while one of the drivers outputs is in the low ohmic state (Logic 0)
b). A key is released before that key has been detected.
c). There is no wired connection in the C-KO Matrix when SMS is in High State.
7. OSCILLATOR
The OSC is a 1-pin oscillator input/output terminal. The oscillator is constructed by connecting in series a
ceramic resonator like TOKO CRK429.
8. TEST MODE
When T1, T2 and OSC Pins are in HIGH State, the circuit initializes. All internal nodes except for the LATCH
are defined. The latch is defined when a scan cycle starts by pulling down a KI or a C Input while the oscillator is
active.
If the debounce cycle has been completed, then the scan cycle can be accomplished 3x2
3 times faster by
setting the T1 to HIGH. If the scan cycle has been completed, the Latch contents can be read 3x2
7 times faster
by setting the T2 to HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com