Electronic Components Datasheet Search
  English  ▼

X  

SC9711 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC9711
Description  MCU EMBEDDED A/D CONVERTER FOR DMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9711 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC9711 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SC9711
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.07
Http
: www.silan.com.cn
Page 7 of 14
CURRENT MEASUREMENT
Current measurement
SMV
DT
SA
SGND
900K
100K
10K
10 Ohm
I+
I-
40mA
400mA
LCD DISPLAY
LCD display
LCD DISPLAY AND FORMAT
SCHEMATIC
Network
Current measure ÷10
R10
:R11=9:1
AC measurement
R23+VR3,R24=R25
Reference Voltage
R18, R19, VR1
Temperature
DC 400mV
No
No
No
Yes
DC 4V
R5/(R4+R5)=1/10
No
No
Yes
DC 40V
R6/(R4+R6)=1/100
No
No
Yes
DC 400V
R7/(R4+R7)=1/1000
No
No
Yes
DC 1000V
R8/(R4+R8)=1/10000
No
No
Yes
AC 400mV
R5/(R4+R5)=1/10,
R21:R22=9:1
No
Yes
Yes
AC 4V
R5/(R4+R5)=1/10
No
Yes
Yes
AC 40V
R6/(R4+R6)=1/100
No
Yes
Yes
AC 400V
R7/(R4+R7)=1/1000
No
Yes
Yes
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com