Electronic Components Datasheet Search
  English  ▼

X  

SC9711 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9711
Description  MCU EMBEDDED A/D CONVERTER FOR DMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9711 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9711 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SC9711
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.07
Http
: www.silan.com.cn
Page 5 of 14
(Continued)
Pin no.
symbol
Description
Pin no
symbol
Description
12
NC
62
XOUT
Oscillator output port
13
SMV
High impedance voltage input/R
measurement
ADC
positive
input/diode resistor connection
63
NC
14
CRES1
R measurement filter capacitor
connection
64
TXD
Power control
15
RL
Resistor reference voltage input
65
NC
16
RCAP1
No Use.
66
SEG14
LCD segment 14
17
RCAP2
No Use.
67
SEG13
LCD segment 13
18
ONEK
1.000k
Ω resistor
68
SEG12
LCD segment 12
19
NC
69
SEG11
LCD segment 11
20
TENK
10.01k
Ω resistor connection
70
SEG10
LCD segment 10
21
NC
71
SEG9
LCD segment 9
22
HUNK
100.1k
Ω resistor
72
SEG8
LCD segment 8
23
NC
73
SEG7
LCD segment 7
24
ONEM
1.111M
Ω resistor connection
74
SEG6
LCD segment 6
25
NC
75
SEG5
LCD segment 5
26
TENM
10M
Ω resistor connection
76
SEG4
LCD segment 4
27
CRES2
The
capacitor
of
Resistor
voltage
77
SEG3
LCD segment 3
28
TESTB
Back light control pin
78
SEG2
LCD segment 2
29
ADPC1
No Use.
79
SEG1
LCD segment 1
30
ADPC2
No Use.
80
COM1
Backplane 1 of LCD display
31
SELECT
Measure mode selected
81
COM2
Backplane 2 of LCD display
32
RANGE
Auto/manual switch control
82
COM3
Backplane 3 of LCD display
33
REL
Relative function
83
COM4
Backplane 4 of LCD display
34
HOLD
Display Hold
84
ENTX
no use
35
Hz/DUTY
Hz/DUTY change
85
BEEPER
Beeper output
36
CAP
No Use.
86
BLOUT
Back Light digital output
37
MEA4
Measure mode select 4
87
RST
CPU reset input
38
MEA3
Measure mode select 3
88
NC
39
MEA2
Measure mode select 2
89
REFI
reference voltage input
40
MEA1
Measure mode select 1
90
REFO
Bandgap
reference
voltage
output
41
LCDC1
No Use.
91
FTA
ADC filter positive output pin
42
LCDC2
No Use.
92
NC
43
TSTA
Test pin
93
FTB
ADC filter positive input pin
44
GND
2
×1.5V battery negative input
94
FTC
ADC preceding filter negative
port
45
NC
95
TSTC
Test pin
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com