Electronic Components Datasheet Search
  English  ▼

X  

SC9711 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9711
Description  MCU EMBEDDED A/D CONVERTER FOR DMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9711 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9711 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SC9711
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.07
Http
: www.silan.com.cn
Page 4 of 14
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
SELECT
RANGE
REL
HOLD
Hz/DUTY
CAP
MEA4
MEA3
MEA2
MEA1
LCDC1
LCDC2
TSTA
GND
N.C
AGND
N.C
VDD
N.C
N.C
COM2
COM3
COM4
ENTX
BEEPER
BLOUT
RST
N.C
REFI
REFO
FTA
N.C
FTB
FTC
TSTC
OP1N
N.C
OP1O
N.C
OP2P
SC9711
PIN DESCRIPTIONS
Pin no.
symbol
Description
Pin no
symbol
Description
1
OP2N
AC measure negative input
51
NC
2
NC
52
VB
Bias current input
3
OP2O
AC measure positive input
53
NC
4
AD1P
AC measurement positive input
54
CB
Double
voltage
capacitor
connection
5
NC
55
CA
Double
voltage
capacitor
positive connection
6
AD1N
AC measurement negative input
56
VGG
Double voltage output
7
NC
57
NC
8
SA
Current
measurement
ADC
connection
58
VDDA
Voltage stabilization output/
analog power
9
SGND
Analog ground ADC negative
input
59
RLCD
LCD drive voltage regulate
resistor
10
ADP
Additional ADC positive input
60
NC
11
DT
Diode measurement resistor
connection
61
XIN
Oscillator input port
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com