Electronic Components Datasheet Search
  English  ▼

X  

SC9711 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9711
Description  MCU EMBEDDED A/D CONVERTER FOR DMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9711 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9711 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SC9711
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.07
Http
: www.silan.com.cn
Page 1 of 14
MCU EMBEDDED A/D CONVERTER FOR DMM(33/4 DIGITS)
QFP-100-14x20-0.65
DESCRIPTION
SC9711 is a 4000 counts digital multi-meter.
FEATURES
* ADC display three times pre second;
* Auto Range Function
Voltage(DC/AC): 400.0mV, 4.000V, 40.00V, 1000V
Current(DC/AC): (400.0
µA,4000µA), (40.00mA, 400.0mA),
(10.00A)
Resistor: 400.0 ,4.000k , 40.00k ,
400.0k , 4.000M ,40.00M
Diode and Continuity Measurement:
Capacitance: 4.000nF, 40.00nF, 400.0nF,
4.000
µF, 40.00µF, 200.0µF(30Sec)
Frequency:
9.999Hz, 99.99Hz, 999.9Hz, 9.999KHz,
99.99KHz, 999.9KHz, 9.999MHz
Duty: 0.1%~99.9%
* 3V battery operation
* Low power consumption: Less than 6mW
* Range Selection/Display Hold/Auto Power-Off/Relative
* 1/3 bias, 1/4 duty LCD drive
* 2.4V battery replacing caution detect
* built-in AC/DC switch OPAMP
* Built-in CMOS bandgap reference
ORDERING INFORMATIONS
Device
Package
SC9711
QFP-100-14 x 20-0.65
SC9711X
DIE
APPLICATIONS
* Hand-held DMM
* Pocket DMM
* Pen-type DMM
* Clamp Meter
BLOCK DIAGRAM


Similar Part No. - SC9711

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9704 FAIRVIEW-SC9704 Datasheet
530Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, LMR-100 Cable IP67 Rated
REV 1.1A
More results

Similar Description - SC9711

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS39C7092 HYNIX-HMS39C7092 Datasheet
1Mb / 199P
Embedded Flash MCU
logo
Eorex Corporation
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
8-bit MCU with 10-bit A/D Converter
logo
Silan Microelectronics ...
SC7001Q SILAN-SC7001Q Datasheet
1Mb / 16P
3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
SC7106 SILAN-SC7106 Datasheet
594Kb / 21P
3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
logo
Eorex Corporation
EU1010 EOREX-EU1010_09 Datasheet
511Kb / 21P
8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020 Datasheet
540Kb / 21P
8-bit MCU with 10-bit A/D Converter
logo
Fairchild Semiconductor
FCM8531 FAIRCHILD-FCM8531 Datasheet
1Mb / 20P
MCU Embedded and Configurable
logo
Eorex Corporation
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020_15 Datasheet
346Kb / 22P
8-bit MCU with 10-bit A/D Converter
logo
Tontek Design Technolog...
TTR622 TONTEK-TTR622 Datasheet
476Kb / 34P
A/D MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com