Electronic Components Datasheet Search
  English  ▼

X  

SC50462 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC50462 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC50462 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC50462
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2005.12.15
Http: www.silan.com.cn
Page 3 of 12
PIN DESCRIPTION
Pin No.
Pin Name
Description
1,24
VSS, VCC
Power Supply: VCC=3.0V,VSS=0V
2,3
OSCI,OSCO
Oscillator Input/Output Pin, 455 or 480kHz Crystal is connected between these
pins.
4
CNTR
Transmitting Indicator. An LED and resistor are connected from this pin to Vcc.
5~12
I1~I8
Key Scan Signal Input pins.
13~20
S1~S8
Key Scan Signal Output pins.
21,22
C4
C5
,
Custom Code
23
OUT
Modulation Pin
FUNCTIONAL DESCRIPTION
SC50462 is a sending signal IC on infrared remote control. Consisting of timing generating circuit, scan signal
generating circuit, key input encoder, instruction decoder, custom code circuit, code encoder, and output buffer. It
has 8*8 key matrix input and custom code with 16 bit PCM which shows 76 instructions.76Instruction are devided
in 64 one shot signal and 12 2-shot signal.
When Input Signal(I1~I8) and/or in combination with the Scan Signals(S1~S8) are activated, SC50462 checks
the ID and the Custom Code Bits-- 4
C and
5
C --setting before finally sending out the remote control signal.
1. CNTR OUTPUT
The CNTR Pin is the LED transmission Indicator. This means that Whenever a valid transmission is sent, the
LED lights up. The CNTR output becomes “L”in the 7
th pulse-rising and “H”in the 17th pulse-rising.
Note: Oscillator Frequency=480 or 455kHz
2. OSCILLATING CIRCUIT
An oscillator circuit may be constructed by using a 480kHz or 455kHz Crystal Resonator and two capacitors.
Please refer to the following diagram. The carrier frequency transmitted is 40kHz or 37.9kHz.Unless any legal
key input is activated, the oscillation is automatically stopped. Thus ,power consumption is considerably reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com