Electronic Components Datasheet Search
  English  ▼

X  

SC50462 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC50462 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC50462 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SC50462
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2005.12.15
Http: www.silan.com.cn
Page 6 of 12
6. KEY ON TIMING
When any key is pressed, the output pin-- OUT continuously generates the waveform described below until
the key is released.
KEY ON
OUT
1st
Frame
2nd
Frame
n-th
Frame
44ms/46.4ms
Note: Oscillator Frequency=480 or 455kHz
7. CARRIER WAVEFORM
The following is the carrier waveform diagram. A bit modulates 10 carrier waveforms.
10
pulses
1 Bit
Carrier
Wave
a
2a
1/3 Duty Cycle
a= 8.3µ s/8.76µ s
Note: Oscillator Frequency=480 or 455kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com