Electronic Components Datasheet Search
  English  ▼

X  

SC50462 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC50462 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC50462 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SC50462
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2005.12.15
Http: www.silan.com.cn
Page 4 of 12
3. KEY INPUT
A total of 64 keys may be connected by Input Pins(I1~I8) and Output Pins(S1~S8) to form an 8x8 Key Matrix.
Double key operation is possible for only one of the keys— SW25~SW28 in combination with any one of the keys
–SW11~SW13. Any other key combination are regards as illegal and will not generate any activity. Thus, only the
following key combinations may be used for the doubled key operation:
S1
S2
S3
S4
S5
S6
S7
S8
I8
I7
I6
I5
I4
I3
I2
I1
SW11
SW12
SW13
SW25
SW26
SW27
SW28
SW25 and SW11
SW25 and SW12
SW25 and SW13
SW26 and SW11
SW26 and SW12
SW26 and SW13
SW27 and SW11
SW27 and SW12
SW27 and SW13
SW28 and SW11
SW28 and SW12
SW28 and SW13
Note:
SC50462 permits two keys function but
only “ ”key are allowed.
When you push one key of SW11/12/13,
you can push with another key of
SW25/26/27/28. Otherwise, other
conditions are illegal.
4. TRANSMISSION CODE
The transmission Code consists of 16 bits, namely: 8 bits custom code(C0~C7 ) and 8 bits data code (D0~D7).
Please refer to the table below:
C0 C1 C2 C3 C4 C5 C6 C7 D0 D1 D2 D3 D4 D5 D6 D7
Custom Code
Data Code
One frame of the Transmission Code
If a Single Shot Key is depressed, data Codes— D6 and d7 will be given the value of (0,0).Please refer to the
table1.If a valid double key operation is performed, the data codes will receive the values described in Table 2.
Table 1: Key Matrix/Code
Data
Scan Output
D0
D1
D2
Octal display
S1
0
0
0
0
S2
1
0
0
1
S3
0
1
0
2
S4
1
1
0
3
S5
0
0
1
4
S6
1
0
1
5
S7
0
1
1
6
S8
1
1
1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com