Electronic Components Datasheet Search
  English  ▼

X  

SC50462 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC50462 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC50462 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC50462 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SC50462
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2005.12.15
Http: www.silan.com.cn
Page 5 of 12
Data
Key Input
D3
D4
D5
Octal display
I1
0
0
0
0
I2
1
0
0
1
I3
0
1
0
2
I4
1
1
0
3
I5
0
0
1
4
I6
1
0
1
5
I7
0
1
1
6
I8
1
1
1
7
Table 2: Double Key Signal/Code
Data Code
Octal Display
Scan Output
D0
D1
D2
D3
D4
D5
D6
D7
D0~D2
D3~D5
D6~D7
S5/I2 (SW25)
0
0
1
1
0
0
1
0
4
1
1
S6/I2 (SW26)
1
0
1
1
0
0
1
0
5
1
1
S7/I2 (SW27)
0
1
1
1
0
0
1
0
6
1
1
S1/I1
(SW1
1)
S8/I2 (SW28)
1
1
1
1
0
0
1
0
7
1
1
S5/I2 (SW25)
0
0
1
1
0
0
0
1
4
1
2
S6/I2 (SW26)
1
0
1
1
0
0
0
1
5
1
2
S7/I2 (SW27)
0
1
1
1
0
0
0
1
6
1
2
S2/I1
(SW1
2)
S8/I2 (SW28)
1
1
1
1
0
0
0
1
7
1
2
S5/I2 (SW25)
0
0
1
1
0
0
1
1
4
1
3
S6/I2 (SW26)
1
0
1
1
0
0
1
1
5
1
3
S7/I2 (SW27)
0
1
1
1
0
0
1
1
6
1
3
S3/I1
(SW1
3)
S8/I2 (SW28)
1
1
1
1
0
0
1
1
7
1
3
5. CUSTOM CODE
SC50462 has a total of 8 bits custom code (C0~C7). Custom Code Bits –C4 and C5 can be externally selected
using the
4
C
and
5
C
Terminals. The
4
C
and
5
C
pins are inversed; therefore, if
the
4
C
and
5
C
terminals are
pulled HIGH, then the Custom Code Bits— C4 and C5 would have the Value(0,0). Likewise, when pulled LOW,
then C4 and C5 bits will be (1,1),The other Customs Code Bits,namely:C0~C3 and C6,C7 are fixed at (1,1,1,0)
and (1,0 ):
The waveform of bits are given below:
0.25/0.26ms
1.00/1.05ms
2.00/2.10ms
Bit "0"
Bit "1"
Note: Oscillator Frequency=480 or 455kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com