Electronic Components Datasheet Search
  English  ▼

X  

SC91710AS Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC91710AS
Description  T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91710AS Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC91710AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SC91710A/B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2007.03.07
Http: www.silan.com.cn
Page 1 of 18
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
DESCRIPTION
The SC91710A/B are Tone/Pulse switchable dialer which are fabricated
in COMS technology with wide operating voltage for both tone and pulse
mode, and consumes very low memory retention current in ON-HOOK
state.
FEATURES
* Tone/Pulse switchable dialer
* One 32-digit last number redial memory
* Pulse-to-tone (P
→T) is provided for PBX operation
* Flash key is available
* Minimum tone duration is 98ms or 83ms
* Minimum intertone pause is 98ms or 83ms
* Redial Pause time (0ms)
* Uses 3.579549MHz crystal or ceramic resonator
* Many options can be selected
Mode (10PPS; 20PPS; Tone)
M/B ratio (40:60;33:66)
Pause time (3.6s)
* Flash function (RESET)
(P
→T) pause time (3.6s)
Flash time (600ms; 300ms; 100ms; or 80ms)
* Power on reset circuit is provided
* Handfree function is provided for speaker phone application
* Packaged in 16-DIP or 18-DIP
ORDERING INFORMATION
Device
Package
SC91710A
DIP-16-300-2.54
SC91710AS SOP-16-225-1.27
SC91710B
DIP-18-300-2.54


Similar Part No. - SC91710AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
More results

Similar Description - SC91710AS

ManufacturerPart #DatasheetDescription
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
LG Semicon Co.,Ltd.
GM6390 LG-GM6390 Datasheet
279Kb / 11P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9121 ETC1-HM9121 Datasheet
185Kb / 1P
TONE/PULSE SWITCHABLE & 20 MEMORIES DIALER WITH HANDFREE CONTROL & PAGE FUNCTION
logo
Silan Microelectronics ...
SC91214 SILAN-SC91214 Datasheet
356Kb / 16P
T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com