Electronic Components Datasheet Search
  English  ▼

X  

SC91710AS Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC91710AS
Description  T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91710AS Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC91710AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SC91710A/B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2007.03.07
Http: www.silan.com.cn
Page 4 of 18
(Continued)
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Pulse rate=10pps
--
800
--
Inter-digit Pause
tIDP
Pulse rate=20pps
--
500
--
ms
Tone Mode
DC Level
Vdc
VDD=2.0V~5.5V
0.5VDD
--
0.7VDD
V
Sink Current
Itl
Vdtmf=0.5V
0.2
--
--
mA
AC level
Vdtmf
Row group
RL=10K
Ω
130
155
170
mVrms
Tone
Output Pin
Load Resistor
RI
Dist.
≤ -23dB
10
--
--
K
Ω
Pre-emphasis
twist
VDD=2.0~5.5 V,
Column-Row group
1
2
3
dB
DTMF
Signal
Distortion(note 2)
Dist.
RL=10K
Ω
--
-30
-23
dB
Minimum tone duration Time
tTD
Auto redial
--
98/83
--
ms
Minimum Intertone Pause Time
tITP
Auto redial
--
98/83
--
ms
Note: 1. Vn: Input voltage of any keyboard scanning pin (Row group, Column group)
2
Distortion (dB) = 20log
{[V12+V22+V32+… Vn2)1/2]/[(VL2+VH2)1/2]}
VL,VH: Row group and Column group signal , V1
V2…
Vn: Harmonic signal (BW = 300Hz~3500Hz)
ACTUAL FREQUENCY OUTPUT (fosc=3.579545MHz)
Keyboard Scanning Pin
Standard(Hz)
Output
Deviation(%)
R1
f1
697
699
+0.28
R2
f2
770
766
-0.52
R3
f3
852
848
-0.47
R4
f4
941
948
+0.74
C1
f5
1209
1216
+0.57
C2
f6
1336
1332
-0.30
C3
f7
1477
1472
-0.34
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com