Electronic Components Datasheet Search
  English  ▼

X  

SC91710AS Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC91710AS
Description  T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91710AS Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC91710AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SC91710A/B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2007.03.07
Http: www.silan.com.cn
Page 5 of 18
PIN DESCRIPTION
Pin No.
SC91710A/AS SC91710B
Pin Name
Description
4
4
C1
1
1
C2
2
2
C3
3
3
C4
14
16
R1
15
17
R2
16
18
R3
13
15
R4
* Provides keyboard scanning.
* HKS pin is LOW, the column group stays in “HIGH”state and
row group stays in “LOW”state.
* The keypad is compatible with the standard dual contact matrix
keyboard (as figure1b), the inexpensive single contact keyboard
(as figure 1a), and electronic input (as figure 1c).
* When HKS is “LOW”, a valid key entry is defined by related Row
& Column connection or by electronic input (as shown in figure
1c).
* Activation of two or more keys will result in no response, except
for single key.
* To avoid keyboard-bouncing error, this chip provides built-in
debounce circuit. (The debounce time = 20ms)
VDD
Column
Row
Column
Row
Column
VSS
VDD
VSS
Row
Figure1a: Single contact form
keyboard configuration
Figure1b: Dual contact form
keyboard configuration
Figure1c: Electronic signal input keyboard configuration
5
5
OSCI
6
6
OSCO
* Oscillator input & output pins.
* The 3.579545MHz oscillator is formed by a built-in inverter inside
of this chip and by connecting a 3.579545MHz crystal or a
ceramic resonator across the OSCI and OSCO pins. (built-in
feedback resistor and capacitor)
* When HKS is “LOW”, a valid key-in may turn on this oscillator
and generates a 3.579545 MHz clock.
7
7
XMUTE
* Mute output pins.
* NMOS open drain output structure.
* The output is in “LOW”state during dialing sequence (both Pulse
and Tone mode) otherwise this pin is “high-impedance”.
* Long (continue) Mute.
8
8
VSS
* Negative power supply pin.
9
11
VDD
* Positive power supply pin.
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com