Electronic Components Datasheet Search
  English  ▼

X  

SC91710AS Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC91710AS
Description  T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91710AS Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC91710AS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91710AS Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SC91710A/B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2007.03.07
Http: www.silan.com.cn
Page 3 of 18
ABSOLUTE MAXIMUM RATING(Tamb=25°C, All voltage referenced to VSS, unless otherwise specified)
Characteristics
Symbol
Ratings
Unit
Power Supply Voltage
VDD
6.0
V
Input Voltage
VIN
-0.3~VDD+0.3
V
Power Dissipation
PD
500
mW
Operating Temperature
Topr
-25~+70
°C
Storage Temperature
Tstg
-55~+150
°C
ELECTRICAL CHARACTERISTICS(Tamb=25°C, VDD=2.5V, fosc=3.579545MHz, unless otherwise specified)
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
DC Characteristics
Tone
2.5
--
5.5
Pulse
2.0
--
5.5
Operating Voltage
VDD
Memory retention
1.0
5.5
V
Tone
--
0.6
2
Operating Current
IOP
Pulse
OFF-HOOK,
Keypad entry
--
0.2
0.5
mA
Standby Current
IS
ON-HOOK
No keypad
entry
--
0.1
1
µA
Memory Retention Current
Imr
ON-HOOK
VDD=1.0V
--
0.1
0.2
µA
Control Pin Input Low Voltage
Vil
--
VSS
0.3VDD
Control Pin Input High Voltage
Vih
--
0.7VDD
VDD
V
XMUTE Pin Leakage Current
Imth
V XMUTE =6.0V
--
--
1
µA
XMUTE Pin Sink Current
Imtl
V XMUTE =0.5V
0.2
0.5
--
mA
HKS Pin Input Current
Ihks
Vhks=2.5V
--
--
0.1
µA
Drive Current
Ikbd
Vn=0V
note1
4
10
30
Keyboard
Scanning Pin
Sink Current
Ikbs
Vn=2.5
note1
200
400
800
µA
Key-in Debounce Time
tDB
--
--
20
--
ms
HFI pin input resistor
Rhfi
VDD=2.5
--
200
--
k
Ω
HFO pin drive current
Ihdoh
Vhfo=2.0V
0.5
--
--
mA
HFO pin sink current
Ihdol
Vhfo=2.5V
0.5
--
--
mA
Pulse Mode
Pulse Output Pin Leakage Current
Ipoh
Vpo=2.5V
0.1
--
--
µA
Pulse Output Pin Sink Current
Ipol
Vpo=0.5V
0.5
--
--
mA
--
10
--
Pulse Rate
fpr
--
20
--
pps
--
40:60
--
Make/Break Ratio
tM
tB
--
33:66
--
%
M/B ratio=40:60
--
40
--
Pre-digit Pause
tPDP
M/B ratio=33:66
--
33
--
ms
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com