Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DA Datasheet(PDF) 75 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 75 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 71Page - fujitsu semiconductor MB91F467DA Datasheet HTML 72Page - fujitsu semiconductor MB91F467DA Datasheet HTML 73Page - fujitsu semiconductor MB91F467DA Datasheet HTML 74Page - fujitsu semiconductor MB91F467DA Datasheet HTML 75Page - fujitsu semiconductor MB91F467DA Datasheet HTML 76Page - fujitsu semiconductor MB91F467DA Datasheet HTML 77Page - fujitsu semiconductor MB91F467DA Datasheet HTML 78Page - fujitsu semiconductor MB91F467DA Datasheet HTML 79Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 140 page
background image
MB91460D Series
DS07-16612-2E
75
(Continued)
*1 : The Interrupt Control Registers (ICRs) are located in the interrupt controller and set the interrupt level for each
interrupt request. An ICR is provided for each interrupt request.
*2 : The vector address for each EIT (exception, interrupt or trap) is calculated by adding the listed offset to the
table base register value (TBR) . The TBR specifies the top of the EIT vector table. The addresses listed in the
table are for the default TBR value (000FFC00H) . The TBR is initialized to this value by a reset. The TBR is set
to 000FFC00H after the internal boot ROM is executed.
*3 : ICR23 and ICR47 can be exchanged by setting the REALOS compatibility bit (addr 0C03H : IOS[0])
*4 : Used by REALOS
*5 : Memory Protection Unit (MPU) support
Interrupt
Interrupt
number
Interrupt level *1
Interrupt vector *2
DMA
Resource
number
Deci-
mal
Hexa-
decimal
Setting
Register
Register
address
Offset
Default Vector
address
Up/Down Counter 0
128
80
ICR56
478H
1FCH
000FFDFCH
⎯
System reserved
129
81
1F8H
000FFDF8H
⎯
Up/Down Counter 2
130
82
ICR57
479H
1F4H
000FFDF4H
⎯
Up/Down Counter 3
131
83
1F0H
000FFDF0H
⎯
Real Time Clock
132
84
ICR58
47AH
1ECH
000FFDECH
⎯
Calibration Unit
133
85
1E8H
000FFDE8H
⎯
A/D Converter 0
134
86
ICR59
47BH
1E4H
000FFDE4H
14, 112
System reserved
135
87
1E0H
000FFDE0H
⎯
Alarm Comparator 0
136
88
ICR60
47CH
1DCH
000FFDDCH
⎯
System reserved
137
89
1D8H
000FFDD8H
⎯
Low Voltage Detection
138
8A
ICR61
47DH
1D4H
000FFDD4H
⎯
SMC Comparator 0 to 5
139
8B
1D0H
000FFDD0H
⎯
Timebase Overflow
140
8C
ICR62
47EH
1CCH
000FFDCCH
⎯
PLL Clock Gear
141
8D
1C8H
000FFDC8H
⎯
DMA Controller
142
8E
ICR63
47FH
1C4H
000FFDC4H
⎯
Main/Sub OSC stability wait
143
8F
1C0H
000FFDC0H
⎯
Security vector
144
90
⎯⎯
1BCH
000FFDBCH
⎯
Used by the INT instruction.
145
to
255
91
to
FF
⎯⎯
1B8H to
000H
000FFDB8H
to
000FFC00H
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com