Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DA Datasheet(PDF) 84 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 84 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 80Page - fujitsu semiconductor MB91F467DA Datasheet HTML 81Page - fujitsu semiconductor MB91F467DA Datasheet HTML 82Page - fujitsu semiconductor MB91F467DA Datasheet HTML 83Page - fujitsu semiconductor MB91F467DA Datasheet HTML 84Page - fujitsu semiconductor MB91F467DA Datasheet HTML 85Page - fujitsu semiconductor MB91F467DA Datasheet HTML 86Page - fujitsu semiconductor MB91F467DA Datasheet HTML 87Page - fujitsu semiconductor MB91F467DA Datasheet HTML 88Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
MB91460D Series
84
DS07-16612-2E
*1 : The parameter is based on VSS5
= HVSS5 = AVSS5 = 0.0 V.
*2 : AVCC5 and AVRH5 must not exceed VDD5
+ 0.3 V.
*3 :
• Use within recommended operating conditions.
• Use with DC voltage (current).
•+B signals are input signals that exceed the VDD5 voltage. +B signals should always be applied by
connecting a limiting resistor between the
+B signal and the microcontroller.
• The value of the limiting resistor should be set so that the current input to the microcontroller pin does not
exceed the rated value at any time, either instantaneously or for an extended period, when the
+B signal
is input.
• Note that when the microcontroller drive current is low, such as in the low power consumption modes, the
+B input potential can increase the potential at the power supply pin via a protective diode, possibly affecting
other devices.
• Note that if the +B signal is input when the microcontroller is off (not fixed at 0 V), power is supplied through
the +B input pin; therefore, the microcontroller may partially operate.
• Note that if the +B signal is input at power-on, since the power is supplied through the pin, the power-on reset
may not function in the power supply voltage.
“H” level maximum
output current*4
IOH
⎯
− 10
mA
⎯
− 40
mA
Stepper motor controller
“H” level average
output current*5
IOHAV
⎯
− 4mA
⎯
− 30
mA
Stepper motor controller
“H” level total maximum
output current
ΣIOH
⎯
− 100
mA
⎯
− 360
mA
Stepper motor controller
“H” level total average output
current*6
ΣIOHAV
⎯
− 25
mA
⎯
− 230
mA
Stepper motor controller
Power consumption
PD
⎯
1000
mW
at TA = 105
°C
Operating temperature
TA
− 40
+ 105
°C
Storage temperature
Tstg
− 55
+ 150
°C
Parameter
Symbol
Rating
Unit
Remarks
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com