Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DA Datasheet(PDF) 86 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 86 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 82Page - fujitsu semiconductor MB91F467DA Datasheet HTML 83Page - fujitsu semiconductor MB91F467DA Datasheet HTML 84Page - fujitsu semiconductor MB91F467DA Datasheet HTML 85Page - fujitsu semiconductor MB91F467DA Datasheet HTML 86Page - fujitsu semiconductor MB91F467DA Datasheet HTML 87Page - fujitsu semiconductor MB91F467DA Datasheet HTML 88Page - fujitsu semiconductor MB91F467DA Datasheet HTML 89Page - fujitsu semiconductor MB91F467DA Datasheet HTML 90Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 140 page
background image
MB91460D Series
86
DS07-16612-2E
2.
Recommended operating conditions
(VSS5
= AVSS5 = 0.0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VDD53.0
⎯
5.5
V
VDD5R
3.0
⎯
5.5
V
Internal regulator
VDD35
3.0
⎯
5.5
V
External bus
HVDD5
4.5
⎯
5.5
V
Stepper motor controller
3.0
⎯
5.5
V
Stepper motor controller
(when all pins are used as gen-
eral-purpose ports)
AVCC53.0
⎯
5.5
V
A/D converter
Smoothing capacitor at
VCC18C pin
CS
⎯
4.7
⎯μF
Use a X7R ceramic capacitor or
a capacitor that has similar fre-
quency characteristics.
Power supply slew rate
⎯⎯
50
V/ms
Operating temperature
TA
− 40
⎯
+ 105
°C
Stepper motor control
slew rate
40
ns
Cload = 0 pF
Main Oscillation
stabilisation time
10
ms
Look-up time PLL
(4 MHz ->16 ...100MHz)
0.6
ms
ESD Protection
(Human body model)
Vsurge
2kV
Rdischarge = 1.5k
Ω
Cdischarge = 100pF
RC Oscillator
fRC100kHz
50
100
200
kHz
VDDCORE
≥ 1.65V
fRC2MHz
12
4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com