Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DA Datasheet(PDF) 93 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 93 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 89Page - fujitsu semiconductor MB91F467DA Datasheet HTML 90Page - fujitsu semiconductor MB91F467DA Datasheet HTML 91Page - fujitsu semiconductor MB91F467DA Datasheet HTML 92Page - fujitsu semiconductor MB91F467DA Datasheet HTML 93Page - fujitsu semiconductor MB91F467DA Datasheet HTML 94Page - fujitsu semiconductor MB91F467DA Datasheet HTML 95Page - fujitsu semiconductor MB91F467DA Datasheet HTML 96Page - fujitsu semiconductor MB91F467DA Datasheet HTML 97Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
MB91460D Series
DS07-16612-2E
93
(Continued)
*1 : Supply current at AVCC5, if A/D converter and ALARM comparator are not operating,
(VDD5 = AVCC5 = AVRH = 5.0 V)
*2 : Input current at AVRH5, if A/D converter is not operating, (VDD5 = AVCC5 = AVRH = 5.0 V)
Sampling Time Calculation
Tsamp = ( 2.6 kOhm + REXT)
× 11pF × 7; for 4.5V ≤ AVCC5 ≤ 5.5V
Tsamp = (12.1 kOhm + REXT)
× 11pF × 7; for 3.0V ≤ AVCC5 ≤ 4.5V
Conversion Time Calculation
Tconv = Tsamp + Tcomp
Definition of A/D converter terms
• Resolution
Analog variation that is recognizable by the A/D converter.
• Nonlinearity error
Deviation between actual conversion characteristics and a straight line connecting the zero transition point
(00 0000 0000B
↔ 00 0000 0001B) and the full scale transition point (11 1111 1110B ↔ 11 1111 1111B).
• Differential nonlinearity error
Deviation of the input voltage from the ideal value that is required to change the output code by 1 LSB.
• Total error
This error indicates the difference between actual and theoretical values, including the zero transition error,
full scale transition error, and nonlinearity error.
Parameter
Symbol Pin name
Value
Unit
Remarks
Min
Typ
Max
Reference voltage range
AVRH
AVRH5
0.75
×
AVCC5
⎯
AVCC5V
AVRL
AVSS5AVSS5
⎯
AVCC5
×
0.25
V
Power supply current
IA
AVCC5
⎯
2.5
5
mA
A/D Converter
active
IAH
AVCC5
⎯⎯
5
μA
A/D Converter
not operated *1
Reference voltage current
IR
AVRH5
⎯
0.7
1
mA
A/D Converter
active
IRH
AVRH5
⎯⎯
5
μA
A/D Converter
not operated *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com