Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DA Datasheet(PDF) 123 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 123 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 119Page - fujitsu semiconductor MB91F467DA Datasheet HTML 120Page - fujitsu semiconductor MB91F467DA Datasheet HTML 121Page - fujitsu semiconductor MB91F467DA Datasheet HTML 122Page - fujitsu semiconductor MB91F467DA Datasheet HTML 123Page - fujitsu semiconductor MB91F467DA Datasheet HTML 124Page - fujitsu semiconductor MB91F467DA Datasheet HTML 125Page - fujitsu semiconductor MB91F467DA Datasheet HTML 126Page - fujitsu semiconductor MB91F467DA Datasheet HTML 127Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 140 page
background image
MB91460D Series
DS07-16612-2E
123
7.8.3.
Synchronous/Asynchronous read access with internal MCLKO --> MCLKI feedback
(VDD35
= 3.0 V to 4.5 V, Vss5 = AVss5 = 0 V, TA = −40 °C to + 105 °C)
Parameter
Symbol
Pin name
Value
Unit
Min
Max
MCLKO
↑ to RDX delay time
TCHRL
MCLKO RDX
− 12
0
ns
TCHRH
− 91
ns
Data valid to RDX
↑ setup time
TDSRH
RDX
D31 to D0
29
⎯
ns
RDX
↑ to Data valid hold time
(internal MCLKO
→ MCLKI /
/MCLKI feedback)
TRHDX
RDX
D31 to D0
0
⎯
ns
MCLKO
↓ to WRXn
(as byte enable) delay time
TCLWRL
MCLKO
WRXn
⎯
6ns
TCLWRH
0
⎯
ns
MCLKO
↓ to CSXn delay time
TCLCSL
MCLKO
CSXn
⎯
6ns
TCLCSH
⎯
7ns
MCLKO
CSXn
WRXn
(as byte enable)
RDX
DATA IN
TDSRH
TRHDX
TCHRH
TCHRL
TCLWRL
TCLWRH
TCLCSH
TCLCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com