Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DA Datasheet(PDF) 129 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 129 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 125Page - fujitsu semiconductor MB91F467DA Datasheet HTML 126Page - fujitsu semiconductor MB91F467DA Datasheet HTML 127Page - fujitsu semiconductor MB91F467DA Datasheet HTML 128Page - fujitsu semiconductor MB91F467DA Datasheet HTML 129Page - fujitsu semiconductor MB91F467DA Datasheet HTML 130Page - fujitsu semiconductor MB91F467DA Datasheet HTML 131Page - fujitsu semiconductor MB91F467DA Datasheet HTML 132Page - fujitsu semiconductor MB91F467DA Datasheet HTML 133Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 140 page
background image
MB91460D Series
DS07-16612-2E
129
7.8.9.
Bus hold timing
(VDD35
= 3.0 V to 4.5 V, Vss5 = AVss5 = 0 V, TA = −40 °C to + 105 °C)
Note : BRQ must be kept High until the bus is granted (this is acknowledged by the falling edge of BGRNTX).
It must be kept High as long as the bus shall be hold.
After releasing the bus (BRQ set to Low) this is acknowledged by the rising edge of BGRNTX.
Parameter
Symbol
Pin name
Value
Unit
Min
Max
MCLKO
↓ to BGRNTX delay time
TCLBGL
MCLKO
BGRNTX
⎯
2
× tCLKT + 16
ns
TCLBGH
⎯
2
× tCLKT + 3ns
Bus HIZ to BGRNTX
↓
TAXBGL
BGRNTX
MCLK*
A0 to An
RDX, ASX
WRXn,WEX
CSXn,BAAX
tCLKT
+ 1
⎯
ns
BGRNTX
↑ to Bus drive
TBGHAV
tCLKT
+ 1
⎯
ns
MCLKO
BRQ
BGRNTX
ADDR,RDX,WRX,
WEX,CSXn,ASX,
MCLKE,MCLKI,
BAAX
TCLBGL
TAXBGL
TBGHAV
TCLBGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com