Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DA Datasheet(PDF) 134 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 134 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 130Page - fujitsu semiconductor MB91F467DA Datasheet HTML 131Page - fujitsu semiconductor MB91F467DA Datasheet HTML 132Page - fujitsu semiconductor MB91F467DA Datasheet HTML 133Page - fujitsu semiconductor MB91F467DA Datasheet HTML 134Page - fujitsu semiconductor MB91F467DA Datasheet HTML 135Page - fujitsu semiconductor MB91F467DA Datasheet HTML 136Page - fujitsu semiconductor MB91F467DA Datasheet HTML 137Page - fujitsu semiconductor MB91F467DA Datasheet HTML 138Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 140 page
background image
MB91460D Series
134
DS07-16612-2E
■ PACKAGE DIMENSION
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/fj/DATASHEET/ef-ovpklv.html
208-pin plastic QFP
Lead pitch
0.50 mm
Pa ckage width
×
package length
28.0
× 28.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
3.95 mm MAX
We ight
5.71g
Remar k
Low heat resistance type
208-pin plastic QFP
(FPT -208P-M04)
(FPT-208P-M04)
C
2003-2008 FUJITSU MICROELECTRONICS LIMITED F208020S-c-3-5
.148 –.012
+.008
–0.30
+0.20
3.75
Details of "A" par t
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.25(.010)
(Stand off)
0.40
+0.10
–0.15
+.004
–.006
.016
0˚~8˚
1
LEAD No .
52
53
104
105
156
157
208
"A"
0.08(.003)
0.50(.020)
0.22±0.05
(.009±.002)
0.08(.003)
M
28.00±0.10(1.102±.004)SQ
30.60±0.20(1.205±.008)SQ
.007 –.003
+.001
–0.08
+0.03
0.17
INDEX
(Mounting height)
*
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com