Electronic Components Datasheet Search
  English  ▼

X  

MCP1801 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1801
Description  150 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1801 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1801 Datasheet HTML 1Page - Microchip Technology MCP1801 Datasheet HTML 2Page - Microchip Technology MCP1801 Datasheet HTML 3Page - Microchip Technology MCP1801 Datasheet HTML 4Page - Microchip Technology MCP1801 Datasheet HTML 5Page - Microchip Technology MCP1801 Datasheet HTML 6Page - Microchip Technology MCP1801 Datasheet HTML 7Page - Microchip Technology MCP1801 Datasheet HTML 8Page - Microchip Technology MCP1801 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22051C-page 3
MCP1801
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ................................................................. +12V
Output Current (Continuous) ..................... PD/(VIN-VOUT)mA
Output Current (Peak) ............................................... 500 mA
Output Voltage ............................... (VSS-0.3V) to (VIN+0.3V)
SHDN Voltage ..................................(VSS-0.3V) to (VIN+0.3V)
Continuous Power Dissipation:
SOT-23-5 .............................................................. 250 mW
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are established for V
IN = VR + 1.0V, Note 1, COUT = 1 µF (X7R),
CIN = 1 µF (X7R), VSHDN = VIN, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input / Output Characteristics
Input Operating Voltage
VIN
2.0
—
10.0
V
Note 1
Input Quiescent Current
Iq
—25
50
µA
IL = 0 mA
Shutdown Current
ISHDN
—
0.01
0.10
µA
SHDN = 0V
Maximum Output Current
IOUT_mA
150
—
—
mA
Current Limiter
ILIMIT
—
300
—
mA
if VR ≤ 1.75V, then VIN = VR + 2.0V
Output Short Circuit Current
IOUT_SC
—50
—
mA
if VR ≤ 1.75V, then VIN = VR + 2.0V
Output Voltage Regulation
VOUT
VR-2.0%
VR
VR+2.0%
V
VR ≥ 1.45V, IOUT = 30 mA, Note 2
VR-30 mV
VR
VR+30 mV
VR < 1.45V, IOUT = 30 mA
VOUT Temperature Coeffi-
cient
TCVOUT
—
100
—
ppm/°C
IOUT = 30 mA, -40°C ≤ TA ≤ +85°C,
Note 3
Line Regulation
ΔV
OUT/
(VOUTXΔVIN)
-0.2
±0.01
+0.2
%/V
(VR + 1V) ≤ VIN ≤ 10V, Note 1
VR > 1.75V, IOUT = 30 mA
VR ≤ 1.75V, IOUT = 10 mA
Load Regulation
ΔV
OUT/VOUT
—15
50
mV
IL = 1.0 mA to 100 mA, Note 4
Dropout Voltage
Note 1, Note 5
VDROPOUT
—60
90
mV
IL = 30 mA, 3.1V ≤ VR ≤ 6.0V
—
200
250
IL = 100 mA, 3.1V ≤ VR ≤ 6.0V
—
80
120
IL = 30 mA, 2.0V ≤ VR < 3.1V
—
240
350
IL = 100 mA, 2.0V ≤ VR < 3.1V
—
2.07 - VR
2.10 - VR
VIL = 30 mA, VR < 2.0V
—
2.23 - VR
2.33 - VR
IL = 100 mA, VR < 2.0V
Power Supply Ripple
Rejection Ratio
PSRR
—
70
—
dB
f = 10 kHz, IL = 50 mA,
VINAC = 1V pk-pk, CIN = 0 µF,
if VR < 1.5V, then VIN = 2.5V
Output Noise
eN
—0.6
—
µV/
√Hz
IOUT=100 mA, f=1 kHz,
COUT=1 µF (X7R Ceramic),
VOUT=3.3V
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.0V and VIN ≥ (VR + 1.0V).
2:
VR is the nominal regulator output voltage. For example: VR = 1.8V, 2.5V, 3.0V, 3.3V, or 5.0V.
The input voltage VIN = VR + 1.0V or ViIN = 2.0V (whichever is greater); IOUT = 100 µA.
3:
TCVOUT = (VOUT-HIGH - VOUT-LOW) *10
6 / (V
R * ΔTemperature), VOUT-HIGH = highest voltage measured over the
temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output
voltage due to heating effects are determined using thermal regulation specification TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its measured
value with an applied input voltage of VR + 1.0V or 2.0V, whichever is greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com