Electronic Components Datasheet Search
  English  ▼

X  

MCP1801 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1801
Description  150 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1801 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1801 Datasheet HTML 1Page - Microchip Technology MCP1801 Datasheet HTML 2Page - Microchip Technology MCP1801 Datasheet HTML 3Page - Microchip Technology MCP1801 Datasheet HTML 4Page - Microchip Technology MCP1801 Datasheet HTML 5Page - Microchip Technology MCP1801 Datasheet HTML 6Page - Microchip Technology MCP1801 Datasheet HTML 7Page - Microchip Technology MCP1801 Datasheet HTML 8Page - Microchip Technology MCP1801 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22051C-page 1
MCP1801
Features
• 150 mA Maximum Output Current
• Low Drop Out Voltage, 200 mV typical @ 100 mA
• 25 µA Typical Quiescent Current
• 0.01 µA Typical Shutdown Current
• Input Operating Voltage Range: 2.0V to 10.0V
• Standard Output Voltage Options:
-
0.9V, 1.2V, 1.8V, 2.5V, 3.0V, 3.3V, 5.0V, 6.0V
• Output Voltage Accuracy:
-±2% (VR > 1.5V), ±30 mV (VR 1.5V)
• Stable with Ceramic Output Capacitors
• Current Limit Protection
• Shutdown Pin
• High PSRR: 70 dB typical @ 10 kHz
Applications
• Battery-powered Devices
• Battery-powered Alarm Circuits
• Smoke Detectors
•CO2 Detectors
• Pagers and Cellular Phones
• Wireless Communications Equipment
• Smart Battery Packs
• Low Quiescent Current Voltage Reference
•PDAs
• Digital Cameras
• Microcontroller Power
• Solar-Powered Instruments
• Consumer Products
• Battery Powered Data Loggers
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., 2002
• AN766, “Pin-Compatible CMOS Upgrades to
BiPolar LDOs”, DS00766,
Microchip Technology Inc., 2002
• AN792, “A Method to Determine How Much
Power a SOT23 Can Dissipate in an Application”,
DS00792, Microchip Technology Inc., 2001
Description
The MCP1801 is a family of CMOS low dropout (LDO)
voltage regulators that can deliver up to 150 mA of
current while consuming only 25 µA of quiescent
current (typical). The input operating range is specified
from 2.0V to 10.0V, making it an ideal choice for two to
six primary cell battery-powered applications, 9V
alkaline
and
one
or
two
cell
Li-Ion-powered
applications.
The MCP1801 is capable of delivering 100 mA with
only 200 mV (typical) of input to output voltage
differential (VOUT = 3.3V). The output voltage tolerance
of the MCP1801 at +25°C is typically ±0.4% with a
maximum of ±2%. Line regulation is ±0.01% typical at
+25°C.
The LDO output is stable with a minimum of 1 µF of
output capacitance. Ceramic, tantalum, or aluminum
electrolytic capacitors can all be used for input and
output. Overcurrent limit with current foldback provides
short-circuit protection. A shutdown (SHDN) function
allows the output to be enabled or disabled. When
disabled, the MCP1801 draws only 0.01 µA of current
(typical).
The MCP1801 is available in a SOT-23-5 package.
Package Types
SOT-23-5
123
54
VOUT
NC
VIN
SHDN
VSS
150 mA, High PSRR, Low Quiescent Current LDO


Similar Part No. - MCP1801

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801T-0902I/OT MICROCHIP-MCP1801T-0902I/OT Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801T-1202I/OT MICROCHIP-MCP1801T-1202I/OT Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801T-1802I/OT MICROCHIP-MCP1801T-1802I/OT Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801T-2502I/OT MICROCHIP-MCP1801T-2502I/OT Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
More results

Similar Description - MCP1801

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
300 mA, High PSRR, Low Quiescent Current LDO
2009
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
logo
Global Mixed-mode Techn...
G922 GMT-G922 Datasheet
121Kb / 1P
High Input Voltage, High PSRR, Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
Texas Instruments
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com