Electronic Components Datasheet Search
  English  ▼

X  

MCP1801 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1801
Description  150 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1801 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1801 Datasheet HTML 4Page - Microchip Technology MCP1801 Datasheet HTML 5Page - Microchip Technology MCP1801 Datasheet HTML 6Page - Microchip Technology MCP1801 Datasheet HTML 7Page - Microchip Technology MCP1801 Datasheet HTML 8Page - Microchip Technology MCP1801 Datasheet HTML 9Page - Microchip Technology MCP1801 Datasheet HTML 10Page - Microchip Technology MCP1801 Datasheet HTML 11Page - Microchip Technology MCP1801 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP1801
DS22051C-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated: V
R = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VR + 1.0V, SOT-23-5.
FIGURE 2-19:
Load Regulation vs.
Temperature.
FIGURE 2-20:
Load Regulation vs.
Temperature.
FIGURE 2-21:
Line Regulation vs.
Temperature.
FIGURE 2-22:
Line Regulation vs.
Temperature.
FIGURE 2-23:
Line Regulation vs.
Temperature.
FIGURE 2-24:
PSRR vs. Frequency.
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 3.3V
IOUT = 0.1 mA to 150 mA
VIN = 4.3V
VIN = 10V
VIN = 8V
VIN = 6V
-0.40
-0.30
-0.20
-0.10
0.00
0.10
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 6.0V
IOUT = 0.1 mA to 150 mA
VIN = 9V
VIN = 10V
VIN = 7V
VIN = 8V
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VIN = 2.0 to 10.0V
VOUT = 0.9V
10 mA
1 mA
50 mA
100 mA
150 mA
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 3.3V
VIN = 4.3V to 10V
1 mA
100 mA
10 mA
150 mA
50 mA
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 6.0V
VIN = 7.0V to 10.0V
100 mA
150 mA
1 mA
50 mA
10 mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VR = 3.3V
VIN = 4.3V
VINAC = 100 mV p-p
CIN = 0 μF
IOUT = 100 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com