Electronic Components Datasheet Search
  English  ▼

X  

MCP1801 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1801
Description  150 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1801 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1801 Datasheet HTML 2Page - Microchip Technology MCP1801 Datasheet HTML 3Page - Microchip Technology MCP1801 Datasheet HTML 4Page - Microchip Technology MCP1801 Datasheet HTML 5Page - Microchip Technology MCP1801 Datasheet HTML 6Page - Microchip Technology MCP1801 Datasheet HTML 7Page - Microchip Technology MCP1801 Datasheet HTML 8Page - Microchip Technology MCP1801 Datasheet HTML 9Page - Microchip Technology MCP1801 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MCP1801
DS22051C-page 6
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated: V
R = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VR + 1.0V, SOT-23-5.
FIGURE 2-7:
Output Voltage vs. Input
Voltage.
FIGURE 2-8:
Output Voltage vs. Input
Voltage.
FIGURE 2-9:
Output Voltage vs. Input
Voltage.
FIGURE 2-10:
Output Voltage vs. Load
Current.
FIGURE 2-11:
Output Voltage vs. Load
Current.
FIGURE 2-12:
Output Voltage vs. Load
Current.
0.890
0.895
0.900
0.905
0.910
0.915
0.920
2
345
67
89
10
Input Voltage (V)
VOUT = 0.9V
ILOAD = 1 mA
+25°C
-45°C
0°C
+90°C
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
45
67
8
9
10
Input Voltage (V)
VOUT = 3.3V
ILOAD = 1 mA
+25°C
-45°C
0°C
+90°C
5.94
5.96
5.98
6.00
6.02
6.04
6.06
77.5
8
8.5
99.5
10
Input Voltage (V)
VOUT = 6.0V
ILOAD = 1 mA
+25°C
-45°C
0°C
+90°C
0.880
0.885
0.890
0.895
0.900
0.905
0.910
0.915
0.920
0
25
50
75
100
125
150
Load Current (mA)
VIN = 2.0V
VOUT = 0.9V
+25°C, -45°C
0°C
+90°C
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
0
25
50
75
100
125
150
Load Current (mA)
VIN = 4.3V
VOUT = 3.3V
+25°C
-45°C
0°C
+90°C
5.92
5.94
5.96
5.98
6.00
6.02
6.04
6.06
0
25
50
75
100
125
150
Load Current (mA)
VIN = 7.0V
VOUT = 6.0V
+25°C
-45°C
0°C
+90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com