Electronic Components Datasheet Search
  English  ▼

X  

MCP3425 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 21Page - Microchip Technology MCP3425 Datasheet HTML 22Page - Microchip Technology MCP3425 Datasheet HTML 23Page - Microchip Technology MCP3425 Datasheet HTML 24Page - Microchip Technology MCP3425 Datasheet HTML 25Page - Microchip Technology MCP3425 Datasheet HTML 26Page - Microchip Technology MCP3425 Datasheet HTML 27Page - Microchip Technology MCP3425 Datasheet HTML 28Page - Microchip Technology MCP3425 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22072B-page 25
MCP3425
6.0
BASIC APPLICATION
CONFIGURATIONS AND
EXAMPLES
The MCP3425 can be used for various precision
analog-to-digital converter applications. The device
operates
with
very
simple
connections
to
the
application circuit. The following sections discuss the
examples of the device connections and applications.
6.1
Connecting to the Application
Circuits
6.1.1
BYPASS CAPACITORS ON VDD PIN
For an accurate measurement, the application circuit
needs a clean supply voltage and must block any noise
signal to the MCP3425 device. Figure 6-1 shows an
example of using two bypass capacitors (a 10 µF
tantalum capacitor and a 0.1 µF ceramic capacitor) on
the VDD line of the MCP3425. These capacitors are
helpful to filter out any high frequency noises on the
VDD line and also provide the momentary bursts of
extra currents when the device needs from the supply.
These capacitors should be placed as close to the VDD
pin as possible (within one inch). If the application
circuit has separate digital and analog power supplies,
the VDD and VSS of the MCP3425 device should reside
on the analog plane.
6.1.2
CONNECTING TO I2C BUS USING
PULL-UP RESISTORS
The SCL and SDA pins of the MCP3425 are open-drain
configurations. These pins require a pull-up resistor as
shown in Figure 6-1. The value of these pull-up
resistors depends on the operating speed and loading
capacitance of the I2C bus line. Higher value of pull-up
resistor consumes less power, but increases the signal
transition time (higher RC time constant) on the bus.
Therefore, it can limit the bus operating speed. The
lower value of resistor, on the other hand, consumes
higher power, but allows higher operating speed. If the
bus line has higher capacitance due to long bus line or
high number of devices connected to the bus, a smaller
pull-up resistor is needed to compensate the long RC
time constant. The pull-up resistor is typically chosen
between 5 k
Ω and 10 kΩ ranges for standard and fast
modes.
FIGURE 6-1:
Typical Connection
Example.
The number of devices connected to the bus is limited
only by the maximum bus capacitance of 400 pF. The
bus loading capacitance affects on the bus operating
speed. Figure 6-2 shows an example of multiple device
connections.
FIGURE 6-2:
Example of Multiple Device
Connection on I2C Bus.
MCP3425
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
Rp
Input Signals
VDD
VDD
TO MCU
(MASTER)
RP is the pull-up resistor:
5k
Ω - 10 kΩ for f
SCL
= 100 kHz to 400 kHz
C1: 0.1 µF, Ceramic capacitor
C2: 10 µF, Tantalum capacitor
Rp
C1
C2
SDA
SCL
Microcontroller
Temperature
(PIC16F876)
MCP3425
MCP4725
Sensor
(MCP9804)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com