Electronic Components Datasheet Search
  English  ▼

X  

MCP3425 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 11Page - Microchip Technology MCP3425 Datasheet HTML 12Page - Microchip Technology MCP3425 Datasheet HTML 13Page - Microchip Technology MCP3425 Datasheet HTML 14Page - Microchip Technology MCP3425 Datasheet HTML 15Page - Microchip Technology MCP3425 Datasheet HTML 16Page - Microchip Technology MCP3425 Datasheet HTML 17Page - Microchip Technology MCP3425 Datasheet HTML 18Page - Microchip Technology MCP3425 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22072B-page 15
MCP3425
If the configuration byte is read repeatedly by clocking
continuously after reading the data bytes (i.e., after the
4th byte in the 16-bit conversion mode), the state of the
RDY bit indicates whether the device is ready with new
conversion result. When the Master finds the RDY bit is
cleared, it can send a not-acknowledge (NAK) bit and
a stop bit to exit the current read operation and send a
new read command for the latest conversion data.
Once the conversion data has been read, the ready bit
toggles to ‘1’ until the next new conversion data is
ready. The conversion data in the output register is
overwritten every time a new conversion is completed.
Figure 5-3
shows
an
example
of
reading
the
conversion data. The user can rewrite the configuration
byte any time for a new setting.
Table 5-1 and Table 5-2 show the examples of the
configuration bit operation.
5.3
I2C Serial Communications
The device communicates with Master (microcon-
troller) through a serial I2C (Inter-Integrated Circuit)
interface and support standard (100 kbits/sec), fast
(400 kbits/sec) and high-speed (3.4 Mbits/sec) modes.
The serial I2C is a bidirectional 2-wire data bus
communication protocol using open-drain SCL and
SDA lines.
The device can only be addressed as a slave. Once
addressed, it can receive configuration bits with a write
command or transmit the latest conversion results with
a read command. The serial clock pin (SCL) is an input
only and the serial data pin (SDA) is bidirectional. The
Master starts communication by sending a START bit
and terminates the communication by sending a STOP
bit. In read mode, the device releases the SDA line
after receiving NAK and STOP bits.
An example of a hardware connection diagram is
shown in Figure 6-1. More details of the I2C bus
characteristic is described in Section 5.6 “I2C Bus
Characteristics”.
5.3.1
I2C DEVICE ADDRESSING
The first byte after the START bit is always the address
byte of the device, which includes the device code
(4 bits), address bits (3 bits), and R/W bit. The device
code of the MCP3425 is 1101, which is programmed at
the factory. The device code is followed by three
address bits (A2, A1, A0) which are also programmed
at the factory. The three address bits allow up to eight
MCP3425 devices on the same data bus line.
The (R/W) bit determines if the Master device wants to
read the conversion data or write to the Configuration
register. If the (R/W) bit is set (read mode), the device
outputs the conversion data in the following clocks. If
the (R/W) bit is cleared (write mode), the device
expects a configuration byte in the following clocks.
When the device receives the correct address byte, it
outputs an acknowledge bit after the R/W bit.
Figure 5-1 shows the address byte. Figure 5-2 through
Figure 5-3 show how to write the configuration register
bits and read the conversion results.
TABLE 5-1:
WRITE CONFIGURATION BITS
R/W O/C
RDY
Operation
0
0
0
No effect if all other bits remain
the same - operation continues
with the previous settings
0
0
1
Initiate One-Shot Conversion
0
1
0
Initiate Continuous Conversion
0
1
1
Initiate Continuous Conversion
TABLE 5-2:
READ CONFIGURATION BITS
R/W O/C
RDY
Operation
1
0
0
New conversion result in One-
Shot conversion mode has just
been read. The RDY bit remains
low until set by a new write
command.
1
0
1
One-Shot Conversion is in prog-
ress. The conversion result is not
updated yet. The RDY bit stays
high until the current conversion
is completed.
1
1
0
New conversion result in Contin-
uous Conversion mode has just
been read. The RDY bit changes
to high after reading the conver-
sion data.
1
1
1
The conversion result in Continu-
ous Conversion mode was
already read. The next new con-
version data is not ready. The
RDY bit stays high until a new
conversion is completed.
Note:
The
High-Speed
mode
is
not
recommended for VDD less than 2.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com