Electronic Components Datasheet Search
  English  ▼

X  

MCP3425 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 24Page - Microchip Technology MCP3425 Datasheet HTML 25Page - Microchip Technology MCP3425 Datasheet HTML 26Page - Microchip Technology MCP3425 Datasheet HTML 27Page - Microchip Technology MCP3425 Datasheet HTML 28Page - Microchip Technology MCP3425 Datasheet HTML 29Page - Microchip Technology MCP3425 Datasheet HTML 30Page - Microchip Technology MCP3425 Datasheet HTML 31Page - Microchip Technology MCP3425 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
MCP3425
DS22072B-page 28
© 2009 Microchip Technology Inc.
FIGURE 6-7:
Example of Pressure
Measurement.
6.2.4
WHEATSTONE BRIDGE TYPE
SENSORS WITH SIGNAL
CONDITIONING
Wheatstone bridge is one of the most common
configurations in the sensor applications. Strain
gauges and pressure sensors are the common
examples. When the sensor output signal is small and
the common mode noise level is large, it needs a signal
conditioning circuit between the sensor and the
MCP3425. Figure 6-8 and Figure 6-9 show examples
of using the MCP6V01 (high precision auto-zeroed Op
Amp) for the sensor signal conditioning. Figure 6-8
shows the interface circuit with a minimum of
components between the sensor and the MCP3425,
but it is not symmetric, and therefore, the ADC input
becomes a single ended. On the other hand, the
Figure 6-9 has a symmetric and differential output, but
requires more components.
FIGURE 6-8:
Simple Signal Conditioning
Design with Asymmetric Circuit.
FIGURE 6-9:
High Performance Signal
Conditioning Design with Symmetric Circuit.
6.2.5
TEMPERATURE MEASUREMENT
Figure 6-10
shows
an
example
of
temperature
measurement using a thermistor. This example can
achieve a linear response over a 50
°C temperature
range. This can be implemented using a standard
resistor with 1% tolerance in series with the thermistor.
The value of the resistor is selected to be equal to the
thermistor value at the mid-point of the desired
temperature range.
FIGURE 6-10:
Example of Temperature
Measurement.
NPP301
MCP3425
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
10 µF
0.1 µF
R
R
VDD
VDD
TO MCU
(MASTER)
VDD
VDD
RR
RR
100R
C
MCP6V01
VDD
0.2R
0.2R
3k
Ω
MCP3425
20 k
Ω
1µF
20 k
Ω
1µF
VDD
1/2 MCP6V02
1/2 MCP6V02
200
Ω
200
Ω
3k
Ω
3k
Ω
1µF
RR
RR
VDD
10 nF
10 nF
200
Ω
MCP3425
200
Ω
10 k
Ω
Resistor
10 k
Ω
Thermistor
MCP3425
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
10 µF
0.1 µF
Rpull-up
Rpull-up
VDD
VDD
TO MCU (MASTER)
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com