Electronic Components Datasheet Search
  English  ▼

X  

MCP3425 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 7Page - Microchip Technology MCP3425 Datasheet HTML 8Page - Microchip Technology MCP3425 Datasheet HTML 9Page - Microchip Technology MCP3425 Datasheet HTML 10Page - Microchip Technology MCP3425 Datasheet HTML 11Page - Microchip Technology MCP3425 Datasheet HTML 12Page - Microchip Technology MCP3425 Datasheet HTML 13Page - Microchip Technology MCP3425 Datasheet HTML 14Page - Microchip Technology MCP3425 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22072B-page 11
MCP3425
4.9
Digital Output Codes and
Conversion to Real Values
4.9.1
DIGITAL OUTPUT CODE FROM
DEVICE
The digital output code is proportional to the input volt-
age and PGA settings. The output data format is a
binary two’s complement. With this code scheme, the
MSB can be considered a sign indicator. When the
MSB is a logic ‘0’, the input is positive. When the MSB
is a logic ‘1’, the input is negative. The following is an
example of the output code:
a.
for
a
negative
full
scale
input
voltage:
100...000
Example: (VIN+- VIN-) •PGA = -2.048V
b.
for a zero differential input voltage: 000...000
Example: (VIN+- VIN-) = 0
c.
for
a
positive
full-scale
input
voltage:
011...111
Example: (VIN+- VIN-) • PGA = 2.048V
The MSB (sign bit) is always transmitted first through
the I2C serial data line. The resolution for each
conversion is 16, 14, or 12 bits depending on the
conversion rate selection bit settings by the user.
The output codes will not roll-over even if the input
voltage exceeds the maximum input range. In this
case, the code will be locked at 0111...11 for all
voltages greater than (VREF - 1 LSB)/PGA and
1000...00
for
voltages
less
than
-VREF/PGA.
Table 4-2 shows an example of output codes of various
input levels for 16 bit conversion mode. Table 4-3
shows an example of minimum and maximum output
codes for each conversion rate option.
The number of output code is given by:
EQUATION 4-2:
The LSB of the data conversion is given by:
EQUATION 4-3:
Table 4-1 shows the LSB size of each conversion rate
setting. The measured unknown input voltage is
obtained by multiplying the output codes with LSB. See
the following section for the input voltage calculation
using the output codes.
TABLE 4-1:
RESOLUTION SETTINGS VS.
LSB
TABLE 4-2:
EXAMPLE OF OUTPUT CODE
FOR 16 BITS
TABLE 4-3:
MINIMUM AND MAXIMUM
CODES
Number of Output Code
Maximum Code
1
+
()
=
PGA
V
IN+VIN-
–
()
2.048V
-----------------------------------
×
×
Where:
See Table 4-3 for Maximum Code
LSB
2V
REF
×
2
N
----------------------
2
2.048V
×
2
N
--------------------------
==
Where:
N
=
User programmable bit resolution:
12,14, or 16
Resolution Setting
LSB
12 bits
1 mV
14 bits
250 µV
16 bits
62.5 µV
Input Voltage:
[VIN+-VIN-] • PGA
Digital Output Code
≥ V
REF
0111111111111111
VREF - 1 LSB
0111111111111111
2LSB
0000000000000010
1LSB
0000000000000001
0
0000000000000000
-1 LSB
1111111111111111
-2 LSB
1111111111111110
- VREF
1000000000000000
< -VREF
1000000000000000
Note 1:
MSB is a sign indicator:
0: Positive input (VIN+ > VIN-)
1: Negative input (VIN+ > VIN-)
2:
Output data format is binary two’s
complement.
Number
of Bits
Data Rate
Minimum
Code
Maximum
Code
12
240 SPS
-2048
2047
14
60 SPS
-8192
8191
16
15 SPS
-32768
32767
Note:
Maximum n-bit code = 2n-1 - 1
Minimum n-bit code = -1 x 2n-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com