Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 27Page - Microchip Technology MCP4728 Datasheet HTML 28Page - Microchip Technology MCP4728 Datasheet HTML 29Page - Microchip Technology MCP4728 Datasheet HTML 30Page - Microchip Technology MCP4728 Datasheet HTML 31Page - Microchip Technology MCP4728 Datasheet HTML 32Page - Microchip Technology MCP4728 Datasheet HTML 33Page - Microchip Technology MCP4728 Datasheet HTML 34Page - Microchip Technology MCP4728 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 31
MCP4728
5.4
I2C General Call Commands
The device acknowledges the general call address
command (0x00 in the first byte). The meaning of the
general call address is always specified in the second
byte. The I2C specification does not allow to use
“00000000” (00h) in the second byte. Please refer to
the Philips I2C document for more details of the
General Call specifications.
The MCP4728 device supports the following I2C
General Calls:
• General Call Reset
• General Call Wake-Up
• General Call Software Update
• General Call Read Address Bits
5.4.1
GENERAL CALL RESET
The
General Call Reset occurs if the second byte is
“00000110” (06h). At the acknowledgement of this
byte, the device will abort the current conversion and
perform the following tasks:
• Internal reset similar to a Power-On-Reset (POR).
The contents of the EEPROM are loaded into
each DAC input and output registers immediately.
•
VOUT will be available immediately regardless of
the LDAC pin condition.
FIGURE 5-3:
General Call Reset.
5.4.2
GENERAL CALL WAKE-UP
If the second byte is “00001001” (09h), the device will
reset the Power-Down bits (PD1,PD0 = 0,0).
FIGURE 5-4:
General Call Wake-Up.
1st Byte
Note 1
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
Stop
Start
2nd Byte
ACK (MCP4728)
(General Call Command)
(Command Type = General Call Reset)
Clock Pulse (CLK Line)
Data (SDA Line)
Note 1: At this falling edge of the last ACK clock bit:
a. Startup Timer starts a reset sequence and
b. EEPROM data is loaded into the DAC Input and Output Registers immediately.
1st Byte
Note 1
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
Stop
Start
2nd Byte
ACK (MCP4728)
(General Call Command)
(Command Type = General Call Wake-Up)
Clock Pulse (CLK Line)
Data (SDA Line)
Note 1: Resets Power-Down bits at this falling edge of the last ACK clock bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com