Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 47Page - Microchip Technology MCP4728 Datasheet HTML 48Page - Microchip Technology MCP4728 Datasheet HTML 49Page - Microchip Technology MCP4728 Datasheet HTML 50Page - Microchip Technology MCP4728 Datasheet HTML 51Page - Microchip Technology MCP4728 Datasheet HTML 52Page - Microchip Technology MCP4728 Datasheet HTML 53Page - Microchip Technology MCP4728 Datasheet HTML 54Page - Microchip Technology MCP4728 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22187C-page 51
MCP4728
7.0
TYPICAL APPLICATIONS
The MCP4728 device is a part of Microchip’s latest
DAC family with non-volatile EEPROM memory. The
device is a general purpose resistor string DAC
intended to be used in applications where a precision,
and low power DAC with moderate bandwidth is
required.
Since the device includes non-volatile EEPROM
memory, the user can use this device for applications
that require the output to return to the previous set-up
value on subsequent power-ups.
Applications generally suited for the MCP4728 device
family include:
• Set Point or Offset Trimming
• Sensor Calibration
• Portable Instrumentation (Battery Powered)
• Motor Speed Control
7.1
Connecting to I2C BUS using
Pull-Up Resistors
The SCL, SDA, and RDY/BSY pins of the MCP4728
device are open-drain configurations. These pins
require a pull-up resistor as shown in Figure 7-1. The
LDAC pin has a schmitt trigger input configuration and
it can be driven by an external MCU I/O pin.
The pull-up resistor values (R1 and R2) for SCL and
SDA pins depend on the operating speed (standard,
fast, and high speed) and loading capacitance of the
I2C bus line. Higher value of pull-up resistor consumes
less power, but increases the signal transition time
(higher RC time constant) on the bus line. Therefore, it
can limit the bus operating speed. A lower resistor
value, on the other hand, consumes higher power, but
allows for higher operating speed. If the bus line has
higher capacitance due to long metal traces or multiple
device connections to the bus line, a smaller pull-up
resistor is needed to compensate the long RC time
constant. The pull-up resistor is typically chosen
between 1 k
Ω and 10 kΩ ranges for standard and fast
modes, and less than 1 k
Ω for high speed mode.
FIGURE 7-1:
Example of the MCP4728 Device Connection.
Analog Outputs
VDD
1
2
3
4
10
6
7
8
VDD
SCL
SDA
VSS
VOUT D
VOUT C
LDAC
RDY/BSY
9
5
VOUT B
VOUT A
MCP4728
R1
R2
R3
To MCU
R1 - R3 are the pull-up resistors:
R1 and R2 (Pull-up resistors for
I2C Serial Communications):
5k
Ω - 10 kΩ for f
SCL
= 100 kHz to 400 kHz
~700
Ω for f
SCL
= 3.4 MHz
R3 (Pull-Up resistor ( ~ 100 kΩ)
to monitor RDY/BSY bit. Leave
this pin float if it is not used.):
C1: 0.1 µF, Ceramic capacitor
C2: 10 µF, Tantalum capacitor
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com