Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 50Page - Microchip Technology MCP4728 Datasheet HTML 51Page - Microchip Technology MCP4728 Datasheet HTML 52Page - Microchip Technology MCP4728 Datasheet HTML 53Page - Microchip Technology MCP4728 Datasheet HTML 54Page - Microchip Technology MCP4728 Datasheet HTML 55Page - Microchip Technology MCP4728 Datasheet HTML 56Page - Microchip Technology MCP4728 Datasheet HTML 57Page - Microchip Technology MCP4728 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
MCP4728
DS22187C-page 54
© 2009 Microchip Technology Inc.
FIGURE 7-3:
Using the MCP4728 for Set Point or Threshold Calibration.
10 µF
0.1 µF
Analog Outputs
VDD
1
2
3
4
10
6
7
8
VDD
SCL
SDA
VSS
VOUT D
VOUT C
LDAC
RDY/BSY
9
5
VOUT B
VOUT A
MCP4728
R1
R2
R3
R4
To MCU
VDD
Comparator 1
R1
R2
0.1 µF
VTRIP1
RSENSE
Light
VDD
Comparator 2
R1
R2
0.1 µF
VTRIP2
RSENSE
Light
VDD
Comparator 3
R1
R2
0.1 µF
VTRIP3
RSENSE
Light
VDD
Comparator 4
R1
R2
0.1 µF
VTRIP4
RSENSE
Light
D
n
Input Code (0 to 4095)
=
V
OUT
V
REF
D
n
4096
------------G
x
×
=
V
TRIP
V
OUT
R
2
R
1
R
2
+
-------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com