Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP4728
Description  12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 48Page - Microchip Technology MCP4728 Datasheet HTML 49Page - Microchip Technology MCP4728 Datasheet HTML 50Page - Microchip Technology MCP4728 Datasheet HTML 51Page - Microchip Technology MCP4728 Datasheet HTML 52Page - Microchip Technology MCP4728 Datasheet HTML 53Page - Microchip Technology MCP4728 Datasheet HTML 54Page - Microchip Technology MCP4728 Datasheet HTML 55Page - Microchip Technology MCP4728 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
MCP4728
DS22187C-page 52
© 2009 Microchip Technology Inc.
7.1.1
DEVICE CONNECTION TEST
The user can test the presence of the MCP4728 device
on the I2C bus line without performing a data
conversion. This test can be achieved by checking an
acknowledge response from the MCP4728 device after
sending a read or write command. Figure 7-2 shows an
example with a read command:
a.
Set the R/W bit “High” or “Low” in the address
byte.
b.
Check the ACK pulse after sending the address
byte.
If the device acknowledges (ACK = 0) the
command, then the device is connected,
otherwise it is not connected.
c.
Send Stop bit.
FIGURE 7-2:
I2C Bus Connection Test.
7.2
Layout Considerations
Inductively-coupled AC transients and digital switching
noise from other devices can affect DAC performance
and DAC output signal integrity. Careful board layout
will minimize these effects. Bench testing has shown
that a multi-layer board utilizing a low-inductance
ground plane, isolated inputs, isolated outputs and
proper decoupling are critical to achieving good DAC
performance.
Separate digital and analog ground planes are
recommended. In this case, the VSS pin and the ground
pins of the VDD capacitors of the MCP4728 should be
terminated to the analog ground plane.
7.3
Power Supply Considerations
The power source should be as clean as possible. The
power supply to the device is used for both VDD and
DAC voltage reference by selecting VREF = VDD. Any
noise induced on the VDD line can affect DAC
performance. A typical application will require a bypass
capacitor in order to filter out high frequency noise on
the VDD line. The noise can be induced onto the power
supply’s traces or as a result of changes on the DAC
output. The bypass capacitor helps to minimize the
effect of these noise sources on signal integrity.
Figure 7-1 shows an example of using two bypass
capacitors (a 10 µF tantalum capacitor and a 0.1 µF
ceramic capacitor) in parallel on the VDD line. These
capacitors should be placed as close to the VDD pin as
possible (within 4 mm). If the application circuit has
separate digital and analog power supplies, the VDD
and VSS pins of the MCP4728 device should reside on
the analog plane.
7.4
Using Power Saving Feature
The device consumes very little power when it is in
Power-Down
(shut-down)
mode.
During
the
Power-Down mode, most circuits in the selected
channel are turned off. It is recommended to power
down any unused channel.
The device consumes the least amount of power if it
enters the Power-Down mode after the internal voltage
reference is disabled. This can be achieved by
selecting VDD as the voltage reference for all 4
channels and then issuing the Power-Down mode for
all channels.
7.5
Using Non-Volatile EEPROM
Memory
The user can store the I2C device address bits,
configuration bits and DAC input code of each channel
in the on-board non-volatile EEPROM memory using
the I2C write command. The contents of EEPROM are
readable and writable using the I2C command.
When the MCP4728 device is first powered-up or
receives General Call Reset Command, it uploads the
EEPROM contents to the DAC output registers
automatically and provides analog outputs immediately
with the saved settings in EEPROM. This feature is
very useful in applications where the MCP4728 device
is used to provide set points or calibration data for other
devices in the application systems. The MCP4728
device can save important system parameters when
the application system experiences power failure. See
Section 5.5 “Writing and Reading Registers and
EEPROM” for more details on using the non-volatile
EEPROM memory.
12
3
4
5
6
7
8
9
SCL
SDA
1
1
0
1A2 A1 A0 1
Start
Bit
Address Byte
Address bits
Device Code
R/W
Stop
Bit
MCP4728
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com