Electronic Components Datasheet Search
  English  ▼

X  

TLP2116 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2116
Description  PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2116 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2116 Datasheet HTML 1Page - Toshiba Semiconductor TLP2116 Datasheet HTML 2Page - Toshiba Semiconductor TLP2116 Datasheet HTML 3Page - Toshiba Semiconductor TLP2116 Datasheet HTML 4Page - Toshiba Semiconductor TLP2116 Datasheet HTML 5Page - Toshiba Semiconductor TLP2116 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP2116
2008-06-11
4
Switching Characteristics
(Unless otherwise specified, Ta = -40 to 100℃, VCC = 4.5 to 5.5V)(Each Channel)
Characteristic
Symbol
Test
Circuit
Conditions
Min
Typ.
Max
Unit
Propagation delay time
to logic low output
tpHL
IF = 0→12 mA
-
-
75
ns
Propagation delay time
to logic high output
tpLH
1
IF = 12→0 mA
RIN = 100 Ω
CL = 15 pF
(Note 5)
-
-
75
ns
Propagation delay time
to logic low output
tpHL
VIN = 0→5 V
(IF = 0→8 mA)
-
-
75
ns
Propagation delay time
to logic high output
tpLH
2
VIN = 5→0 V
(IF = 8→0 mA)
RIN = 430 Ω
CIN = 27 pF
CL = 15 pF
(Note 5)
-
-
75
ns
Switching time dispersion
between ON and OFF
|tpHL-
tpLH|
IF = 12 mA RIN =100 Ω,
CL =15 pF
(Note 5)
-
-
30
ns
Output fall time (90 - 10%)
tf
IF = 0→12 mA
—
15
—
ns
Output rise time (10 - 90%)
tr
1
IF = 12→0 mA
RIN =100 Ω
CL =15 pF
(Note 5)
—
15
—
ns
Common mode transient
immunity at high level output
CMH
VCM =1000 Vp-p , IF = 0 mA,
VO (min) = 4 V , Ta = 25°C
10000
-
-
V/
μs
Common mode transient
immunity at low level output
CML
3
VCM = 1000 Vp-p , IF = 12 mA,
VO (max) = 0.4 V , Ta = 25°C
-10000
-
-
V/
μs
*All typical values are at Ta=25
°C
Note 5: CL is approximately 15 pF which includes probe and Jig/stray wiring capacitance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com