Electronic Components Datasheet Search
  English  ▼

X  

TLP2116 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2116
Description  PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2116 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2116 Datasheet HTML 1Page - Toshiba Semiconductor TLP2116 Datasheet HTML 2Page - Toshiba Semiconductor TLP2116 Datasheet HTML 3Page - Toshiba Semiconductor TLP2116 Datasheet HTML 4Page - Toshiba Semiconductor TLP2116 Datasheet HTML 5Page - Toshiba Semiconductor TLP2116 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP2116
2008-06-11
3
Electrical Characteristics
(Unless otherwise specified, Ta = -40 to 100℃, VCC = 4.5 to 5.5V)
Characteristic
Symbol
Conditions
Min
Typ.
Max
Unit
Input forward voltage
(Each Channel)
VF
IF = 10 mA, Ta = 25°C
1.3
1.65
1.75
V
Temperature coefficient
of forward voltage
(Each Channel) ⊿VF/⊿Ta IF = 10 mA
-
-2.0
-
mV/°C
Input reverse current
(Each Channel)
IR
VR = 5 V, Ta = 25°C
-
-
10
μA
Input capacitance
(Each Channel)
CT
V = 0, f = 1 MHz, Ta = 25°C
-
45
-
pF
Logic low output voltage
(Each Channel)
VOL
IOL = 1.6 mA, IF = 12 mA,
VCC = 5 V
-
-
0.4
V
Logic high output voltage
(Each Channel)
VOH
IOH = -0.02 mA, VF = 1.05 V
VCC = 5 V
4.0
-
-
V
Logic low supply current
ICCL
IF = 12 mA
-
-
10.0
mA
Logic high supply current
ICCH
VF = 0 V
(Note 3)
-
-
10.0
mA
Input current logic low
output
(Each Channel)
IFHL
IO =1.6 mA, VO < 0.4 V
-
-
5
mA
Input voltage logic high
output
(Each Channel)
VFLH
IO = -0.02 mA, VO > 4.0 V
0.8
-
-
V
*All typical values are at Ta=25°C, VCC=5 V unless otherwise specified
Isolation Characteristics (Ta = 25℃)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
(Note 2)
―
0.8
―
pF
Isolation resistance
RS
R.H.
≤ 60%, VS = 500 V
(Note 2) 1×10
12
10
14
―
Ω
AC, 1 minute
2500
―
―
AC, 1 second, in oil
―
5000
―
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
―
5000
―
Vdc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com