Electronic Components Datasheet Search
  English  ▼

X  

TLP2116 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2116
Description  PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2116 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2116 Datasheet HTML 1Page - Toshiba Semiconductor TLP2116 Datasheet HTML 2Page - Toshiba Semiconductor TLP2116 Datasheet HTML 3Page - Toshiba Semiconductor TLP2116 Datasheet HTML 4Page - Toshiba Semiconductor TLP2116 Datasheet HTML 5Page - Toshiba Semiconductor TLP2116 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP2116
2008-06-11
1
TOSHIBA PHOTOCOUPLER GaAℓAs Ired & PHOTO-IC
TLP2116
○
Plasma Display Panels (PDP)
○
High-Speed Interfaces
○
Factory Automation (FA)
The TOSHIBA TLP2116 dual photocoupler consists of a pair of GaAℓAs
light-emitting diodes optically coupled to integrated high gain and high-speed
photodetectors
.
Inverter logic (totem-pole output)
Package: SO-8
Guaranteed performance over temperature : -40 to 100°C
Power supply voltage: 4.5 to 5.5 V
Input thresholds current: IFHL = 5 mA (max)
Propagation delay time (tpHL/tpLH): 75 ns (max)
Switching speed: 15 MBd (typ.)(NRZ)
Common mode transient immunity: ±10 kV/
μs
Isolation voltage: 2500 Vrms
Truth Table
Input
LED1(2)
Tr1(3)
Tr2(4)
Output 1(2)
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
0.305 min
0.38
1.27 ±0.15
1
2
3
4
8
6
5
5.1 ±0.2
6.0 ±0.2
11-5K1
7
JEDEC
―
JEITA
―
TOSHIBA
11−5K1
Weight: 0.21g (typ.)
Pin Configuration (Top View)
1:ANODE 1
2:CATHODE 1
3:CATHODE 2
4:ANODE 2
5:GND
6:VO2(Output2)
7:VO1(Output1)
8:VCC
1
3
6
7
8
VCC
GND
SHIELD
5
4
2
Unit: mm
Schematic
A bypass capacitor of 0.1
μF must be
connected between pins 8 and 5.
VCC
VO1
ICC
IO1
8
7
SHIELD
2-
1+
IF1
Tr1
Tr2
VO2
GND
IO2
6
5
SHIELD
4+
3-
IF2
Tr3
Tr4
VF2


Similar Part No. - TLP2116

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP215 TOSHIBA-TLP215 Datasheet
519Kb / 9P
DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
05-Mar-1998
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
05-Mar-1998
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
Inverter logic type (Totem pole output)
More results

Similar Description - TLP2116

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaAℓAs Ired Photo IC
25-Sep-2002
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
Photocoupler GaA?밃s Ired & Photo−IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com