Electronic Components Datasheet Search
  English  ▼

X  

TLP2116 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP2116
Description  PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2116 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP2116 Datasheet HTML 1Page - Toshiba Semiconductor TLP2116 Datasheet HTML 2Page - Toshiba Semiconductor TLP2116 Datasheet HTML 3Page - Toshiba Semiconductor TLP2116 Datasheet HTML 4Page - Toshiba Semiconductor TLP2116 Datasheet HTML 5Page - Toshiba Semiconductor TLP2116 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP2116
2008-06-11
2
Absolute Maximum Ratings (Ta=25°C)
Characteristic
Symbol
Rating
Unit
Forward current
(Each Channel)
IF
20
mA
Forward current derating
(Ta
≥ 85°C) (Each Channel)
⊿
IF/⊿Ta
-0.5
mA/°C
Peak transient forward current
(Each Channel) (Note 2)
IFPT
1
A
Reverse voltage
(Each Channel)
VR
5
V
Output current
(Each Channel)
IO
10
mA
Output voltage
(Each Channel)
VO
6
V
Supply voltage
VCC
6
V
Output power dissipation
PO
40
mW
Operating temperature range
Topr
-40 to 100
°C
Storage temperature range
Tstg
-55 to 125
°C
Lead solder temperature
(10 s)
Tsol
260
°C
Isolation voltage (AC,1min., R.H.
≤ 60%, Ta=25℃)
(Note 2)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width PW
≤ 1 μs, 300pps.
Note 2: This device is regarded as a two terminal device : pins 1, 2, 3 and 4 are shorted together,
as are pins 5, 6, 7 and 8.
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Input current , ON
(Each Channel)
IF(ON)
8
-
18
mA
Input voltage , OFF
(Each Channel)
VF(OFF)
0
-
0.8
V
Supply voltage
(*)
(Note 3)
VCC
4.5
5.0
5.5
V
Operating temperature
Topr
-40
-
100
°C
(*) This item denotes operating ranges, not meaning of recommended operating conditions.
Note 3: The detector of this product requires a power supply voltage (VCC) of 4.5 V or higher for stable operation.
If the VCC is lower than this value, an ICCH may increase, or an output may be unstable.
Be sure to use the product after checking the supply current, and the operation of a power-on/-off.
Note 4: A ceramic capacitor (0.1
μF) should be connected from pin 8 (VCC) to pin 5 (GND) to stabilize the operation
of the high gain linear amplifier. Failure to provide the bypass may impair the switching property.
The total lead length between capacitor and coupler should not exceed 1 cm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com