Electronic Components Datasheet Search
  English  ▼

X  

LM833D Datasheet(PDF) 4 Page - Motorola, Inc

Part # LM833D
Description  DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM833D Datasheet(HTML) 4 Page - Motorola, Inc

  LM833D Datasheet HTML 1Page - Motorola, Inc LM833D Datasheet HTML 2Page - Motorola, Inc LM833D Datasheet HTML 3Page - Motorola, Inc LM833D Datasheet HTML 4Page - Motorola, Inc LM833D Datasheet HTML 5Page - Motorola, Inc LM833D Datasheet HTML 6Page - Motorola, Inc LM833D Datasheet HTML 7Page - Motorola, Inc LM833D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM833
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 9. Gain Bandwidth Product versus
Supply Voltage
Figure 10. Slew Rate versus Temperature
Figure 11. Slew Rate versus Supply Voltage
Figure 12. Output Voltage versus Frequency
Figure 13. Maximum Output Voltage
versus Supply Voltage
Figure 14. Output Saturation Voltage
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
VCC, |VEE|, SUPPLY VOLTAGE (V)
f, FREQUENCY (Hz)
VCC, |VEE|, SUPPLY VOLTAGE (V)
VCC, |VEE|, SUPPLY VOLTAGE (V)
TA, AMBIENT TEMPERATURE (°C)
30
20
10
0
5.0
10
15
20
10
8.0
6.0
4.0
2.0
–55
–25
0
25
50
75
100
125
10
8.0
6.0
4.0
2.0
0
35
30
25
20
15
10
5.0
0
10
100
1.0 k
10 k
1.0 M
10 M
100 k
20
15
10
5.0
0
–5.0
–10
–15
–20
15
14
13
5.0
10
15
20
5.0
10
15
20
–55
–25
0
25
50
75
100
125
f = 100 kHz
TA = 25°C
RL = 2.0k Ω
AV = +1.0
TA = 25°C
Vin
VO
RL
VO –
VO +
RL = 10 kΩ
TA = 25°C
+Vsat
–Vsat
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
+
–
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
AV = +1.0
Vin
VO
RL
–
+
Falling
Rising
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
THD
v 1.0%
TA = 25°C
Falling
Rising



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com