Electronic Components Datasheet Search
  English  ▼

X  

LM833D Datasheet(PDF) 5 Page - Motorola, Inc

Part # LM833D
Description  DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM833D Datasheet(HTML) 5 Page - Motorola, Inc

  LM833D Datasheet HTML 1Page - Motorola, Inc LM833D Datasheet HTML 2Page - Motorola, Inc LM833D Datasheet HTML 3Page - Motorola, Inc LM833D Datasheet HTML 4Page - Motorola, Inc LM833D Datasheet HTML 5Page - Motorola, Inc LM833D Datasheet HTML 6Page - Motorola, Inc LM833D Datasheet HTML 7Page - Motorola, Inc LM833D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM833
5
MOTOROLA ANALOG IC DEVICE DATA
f, FREQUENCY (Hz)
2.0
1.0
0.7
0.5
0.4
0.3
0.2
10
100
1.0 k
10 k
100 k
Figure 15. Power Supply Rejection
versus Frequency
Figure 16. Common Mode Rejection
versus Frequency
Figure 17. Total Harmonic Distortion
versus Frequency
Figure 18. Input Referred Noise Voltage
versus Frequency
Figure 19. Input Referred Noise Current
versus Frequency
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
RS, SOURCE RESISTANCE (Ω)
140
120
100
80
60
40
20
0
100
1.0 k
10 k
100 k
1.0 M
10 M
1.0
0.1
0.01
0.001
10
5.0
2.0
1.0
100
10
1.0
10
100
1.0 k
10 k
100 k
1.0
10
100
1.0 k
10 k
100 k
1.0 M
140
120
100
80
60
40
20
160
100
1.0 k
10 k
100 k
1.0 M
10 M
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = –15 V
TA = 25°C
–PSR
∆VCM
∆V0
× ADM
ADM
+
–
∆VCM
∆VO
CMR = 20 Log
VO
RL
+
–
+PSR = 20 Log
–PSR = 20 Log
∆VEE
∆VO/ADM
()
∆VCC
∆VO/ADM
()
+PSR
∆VCC
ADM
+
–
∆VEE
∆VO
Figure 20. Input Referred Noise Voltage
versus Source Resistance
VCC = +15 V
VEE = –15 V
Vn(total) = (inRS)2 +en2 +
TA = 25°C
4KTRS
VCC = +15 V
VEE = –15 V
VCM = 0 V
∆VCM = ±1.5 V
TA = 25°C
VCC = +15 V
VEE = –15 V
RS = 100 Ω
TA = 25°C
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VO = 1.0 Vrms
VO = 3.0 Vrms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com