Electronic Components Datasheet Search
  English  ▼

X  

LM833D Datasheet(PDF) 1 Page - Motorola, Inc

Part # LM833D
Description  DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM833D Datasheet(HTML) 1 Page - Motorola, Inc

  LM833D Datasheet HTML 1Page - Motorola, Inc LM833D Datasheet HTML 2Page - Motorola, Inc LM833D Datasheet HTML 3Page - Motorola, Inc LM833D Datasheet HTML 4Page - Motorola, Inc LM833D Datasheet HTML 5Page - Motorola, Inc LM833D Datasheet HTML 6Page - Motorola, Inc LM833D Datasheet HTML 7Page - Motorola, Inc LM833D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Operating
Temperature Range
Package
LM833
SEMICONDUCTOR
TECHNICAL DATA
DUAL OPERATIONAL
AMPLIFIER
ORDERING INFORMATION
LM833N
LM833D
TA = – 40° to +85°C
Plastic DIP
SO–8
PIN CONNECTIONS
Order this document by LM833/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
1
1
8
8
2
(Top View)
1
3
4
8
7
6
5
Output 1
Inputs 1
Output 2
Inputs 2
VEE
VCC
1
2
1
MOTOROLA ANALOG IC DEVICE DATA
Dual Low Noise,
Audio Amplifier
The LM833 is a standard low–cost monolithic dual general–purpose
operational amplifier employing Bipolar technology with innovative
high–performance concepts for audio systems applications. With high
frequency PNP transistors, the LM833 offers low voltage noise
(4.5 nV/ Hz ), 15 MHz gain bandwidth product, 7.0 V/
µs slew rate, 0.3 mV
input offset voltage with 2.0
µV/°C temperature coefficient of input offset
voltage. The LM833 output stage exhibits no deadband crossover distortion,
large output voltage swing, excellent phase and gain margins, low open loop
high frequency output impedance and symmetrical source/sink AC
frequency response.
The LM833 is specified over the automotive temperature range and is
available in the plastic DIP and SO–8 packages (P and D suffixes). For an
improved performance dual/quad version, see the MC33079 family.
• Low Voltage Noise: 4.5 nV/ Hz
• High Gain Bandwidth Product: 15 MHz
• High Slew Rate: 7.0 V/µs
• Low Input Offset Voltage: 0.3 mV
• Low T.C. of Input Offset Voltage: 2.0 µV/°C
• Low Distortion: 0.002%
• Excellent Frequency Stability
• Dual Supply Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
+36
V
Input Differential Voltage Range (Note 1)
VIDR
30
V
Input Voltage Range (Note 1)
VIR
±15
V
Output Short Circuit Duration (Note 2)
tSC
Indefinite
Operating Ambient Temperature Range
TA
–40 to +85
°C
Operating Junction Temperature
TJ
+150
°C
Storage Temperature
Tstg
–60 to +150
°C
Maximum Power Dissipation (Notes 2 and 3)
PD
500
mW
NOTES: 1. Either or both input voltages must not exceed the magnitude of VCC or VEE.
2. Power dissipation must be considered to ensure maximum junction temperature
(TJ) is not exceeded (see power dissipation performance characteristic).
3. Maximum value at TA ≤ 85°C.
© Motorola, Inc. 1996
Rev 0


Similar Part No. - LM833D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM833D ONSEMI-LM833D Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
Rev 0
LM833D ONSEMI-LM833D Datasheet
100Kb / 8P
Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
logo
STMicroelectronics
LM833D STMICROELECTRONICS-LM833D Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
STMicroelectronics
LM833D STMICROELECTRONICS-LM833D Datasheet
184Kb / 12P
Low noise dual operational amplifier
20-Aug-2009
More results

Similar Description - LM833D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com