Electronic Components Datasheet Search
  English  ▼

X  

LM833D Datasheet(PDF) 2 Page - Motorola, Inc

Part # LM833D
Description  DUAL OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM833D Datasheet(HTML) 2 Page - Motorola, Inc

  LM833D Datasheet HTML 1Page - Motorola, Inc LM833D Datasheet HTML 2Page - Motorola, Inc LM833D Datasheet HTML 3Page - Motorola, Inc LM833D Datasheet HTML 4Page - Motorola, Inc LM833D Datasheet HTML 5Page - Motorola, Inc LM833D Datasheet HTML 6Page - Motorola, Inc LM833D Datasheet HTML 7Page - Motorola, Inc LM833D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM833
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS = 10 Ω, VO = 0 V)
VIO
–
0.3
5.0
mV
Average Temperature Coefficient of Input Offset Voltage
∆VIO/∆T
–
2.0
–
µV/°C
RS = 10 Ω, VO = 0 V, TA = Tlow to Thigh
Input Offset Current (VCM = 0 V, VO = 0 V)
IIO
–
10
200
nA
Input Bias Current (VCM = 0 V, VO = 0 V)
IIB
–
300
1000
nA
Common Mode Input Voltage Range
VICR
–
–12
+14
–14
+12
–
V
Large Signal Voltage Gain (RL = 2.0 kΩ, VO = ±10 V
AVOL
90
110
–
dB
Output Voltage Swing:
V
RL = 2.0 kΩ, VID = 1.0 V
VO+
10
13.7
–
RL = 2.0 kΩ, VID = 1.0 V
VO–
–
–14.1
–10
RL = 10 kΩ, VID = 1.0 V
VO+
12
13.9
–
RL = 10 kΩ, VID = 1.0 V
VO–
–
–14.7
–12
Common Mode Rejection (Vin = ±12 V)
CMR
80
100
–
dB
Power Supply Rejection (VS = 15 V to 5.0 V, –15 V to –5.0 V)
PSR
80
115
–
dB
Power Supply Current (VO = 0 V, Both Amplifiers)
ID
–
4.0
8.0
mA
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –10 V to +10 V, RL = 2.0 kΩ, AV = +1.0)
SR
5.0
7.0
–
V/
µs
Gain Bandwidth Product (f = 100 kHz)
GBW
10
15
–
MHz
Unity Gain Frequency (Open Loop)
fU
–
9.0
–
MHz
Unity Gain Phase Margin (Open Loop)
θm
–
60
–
Deg
Equivalent Input Noise Voltage (RS = 100 Ω, f = 1.0 kHz)
en
–
4.5
–
nV
Hz
Equivalent Input Noise Current (f = 1.0 kHz)
in
–
0.5
–
pA
Hz
Power Bandwidth (VO = 27 Vpp, RL = 2.0 kΩ, THD ≤ 1.0%)
BWP
–
120
–
kHz
Distortion (RL = 2.0 kΩ, f = 20 Hz to 20 kHz, VO = 3.0 Vrms, AV = +1.0)
THD
–
0.002
–
%
Channel Separation (f = 20 Hz to 20 kHz)
CS
–
–120
–
dB
Figure 1. Maximum Power Dissipation
versus Temperature
Figure 2. Input Bias Current versus Temperature
TA, AMBIENT TEMPERATURE (°C)
800
600
400
200
0
–50
0
50
100
150
1000
800
600
400
200
0
–55
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = +15 V
VEE = –15 V
VCM = 0 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com