Electronic Components Datasheet Search
  English  ▼

X  

FC122 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # FC122
Description  Fan Speed Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FC122 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  FC122 Datasheet HTML 1Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 2Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 3Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 4Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 5Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 6Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 7Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 8Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Fan Speed Control IC
Version
:A.002
PAGE 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FC122
FC122
Fan Speed Control IC
General Description
The FC122 is a linear fan-speed-control IC designed for power supply. It is a flexible
solution to fan speed control according to the NLX/ATX/PS98 fan speed control
specification.
The FC122 incorporate one linear fan-speed-control input, and one temperature
sensor input for fan-speed-control and monitoring ambient status. Additional output is
provided to report if temperature fault is sensed.
Features
Linear fan speed control for high reliable power supply use
NLX/ATX/PS98 fan control compliant
Low power consumption
Adjustable I/O voltage mapping for wide range of application design
Auto-started fan driving for over temperature protection
Fault output provided for easy programming control
Low pin count 8-pin DIP package
Block Diagram
300mS
delay
4
GND
8
VDD
3
VOT
1
FC
2
TS
300mS
delay
7
FLT
VSTR
6
OUT
210 KΩ
35 KΩ
VSTR
B
A
A – ( B – ½VDD )
126 KΩ
114 KΩ
5
VST
VDD
VSTR ≒ ½VDD
VOUT ≒ [ MAX( ½VDD, VFC, VST ) - ½VDD ] * 6 + VST
VOH : VDD
VOL : ½VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com