Electronic Components Datasheet Search
  English  ▼

X  

FC122 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # FC122
Description  Fan Speed Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

FC122 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  FC122 Datasheet HTML 1Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 2Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 3Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 4Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 5Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 6Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 7Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 8Page - Silicon Touch Technology Inc. FC122 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Fan Speed Control IC
Version
:A.002
PAGE 2
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
FC122
Pin Description
FC122
VXXYYZZ
Pin No. Pin Name
Signal Type
Description
1
FC
Analog Input
Fan speed control input
2
TS
Analog Input
Sensing voltage from an external thermistor
3
VOT
Analog Input
Reference voltage for over-temperature detection
4
GND
Ground
Ground
5
VST
Analog Input
Fan start voltage
6
OUT
Analog Output Output voltage
7
FLT
Digital Output Open-collector output for over-temperature fault
8
VDD
Power
Supply voltage
Absolute Maximum Ratings (Unless otherwise noted, T
A = 25 °C)
Parameter
Rating
Supply Voltage
( VDD )
< +16.0 V
Input Voltage Range
( VI )
- 0. 3 V to VDD + 0.3 V
Output Voltage Range
( VO )
- 0. 3 V to VDD + 0.3 V
Junction Temperature
(TJ )
< 150
°C
Operating Temperature
(Topr )
0
°C to
+ 70
°C
Storage Temperature
(Tstg )
- 55
°C to
+ 150
°C
ESD Susceptibility
( ESD )
> 2000 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com